Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE310G4DE4816BIA Datasheet(PDF) 5 Page - Silicom Ltd.

Part No. PE310G4DE4816BIA
Description  Quad Port 10GbE Broadwell DE In-Line System on NIC Network Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G4DE4816BIA Datasheet(HTML) 5 Page - Silicom Ltd.

  PE310G4DE4816BIA Datasheet HTML 1Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 2Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 3Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 4Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
5
PCIe
PCI Express x8 Gen 3.0
Operating Temps
0C to +50C (Passive heatsink used requiring 200CFM across the heatsink in the
direction of the fins. two PCIe slots)
Storage Temps
-20C to +65C
Operating Humidity
0% to 90%, non-condensing
Operating Systems Support
Operating system support:
Linux
Fedora release 22
Kernel 4.1.3 on M2.SSD
BIOS
Coreboot, Intel Firmware Support Package (FSP)
Order Information
P/N
Description
Notes
PE310G4DE4816BI-A
Quad 10GbE BDW-DE In-Line System on a
NIC for Norsi-Trans
PCIe: X8 G3
Netowrk IO: 4x10G
DE48: Broadwell DE D-1548, 8 Cores,
TDP
PE310G4DE4816BI-A
Quad 10GbE BDW-DE In-Line System on
a NIC for Norsi-Trans
45W, Core Freq 2.0GHz.
8B: 16Giga Byte, DDR4, Speed grade B
2133
MT/S
I: In-line
1V3


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn