Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE310G4DE4816BIA Datasheet(PDF) 4 Page - Silicom Ltd.

Part No. PE310G4DE4816BIA
Description  Quad Port 10GbE Broadwell DE In-Line System on NIC Network Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G4DE4816BIA Datasheet(HTML) 4 Page - Silicom Ltd.

  PE310G4DE4816BIA Datasheet HTML 1Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 2Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 3Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 4Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
4
Monitoring of Broadwell-DE SoC power state and thermal status
Micro-BMC
Low cost design based on the NXP LPC1768 microcontroller
Access provided through a NC-SI interface to the 1Gb Ethernet controller
Serial BMC and Intel console ports for debug (accessible through USB2.0 interface utilizing a 5-pin header on
board as well as remotely through an IPMI client “serial over LAN console”)
Slave SMBus interface for access from the PCIe card interface
Remote Thermal Monitor and Fan Controller (On Semi NCT7491 or equivalent)
PECI 3.0 Interface compatible
On−chip Temperature Sensor
Peripheral Interfaces
3 USB 3.0 ports
One accessible through the front faceplate (Type-A right angle connector)
Two located on PCB toward the rear (Type-A vertical connectors)
Debug Interfaces
2 Extended Debug Ports (XDP)
One for the CPU cores side of the Broadwell-DE SoC
One for the PCH side of the Broadwell-DE SoC
Samtec 60 pin BSH-030-01 series connector for each (not populated in production)
2 virtual serial ports via a USB2.0 Interface
One serial port for Micro-BMC console and programming
One serial port for an Intel console interface sourced from the Broadwell-DE SoC (this console port can also be
connected to the Micro-BMC to be accessed across the Ethernet management port as selected through a jumper )
Micro-B USB right angle connector located along the top board edge
Power
55W typical (75% utilization), 73W Thermal Design Power (max), 173W Peak
12VDC through a 6 pin connector (Molex 45558-0003 or equivalent) located on
rear edge of board
Form Factor
PCI Express Add-in Card, standard height, full length
Dimensions
9.84” x 4.2”, 250mm x 106.7mm


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn