Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE310G4DE4816BIA Datasheet(PDF) 3 Page - Silicom Ltd.

Part No. PE310G4DE4816BIA
Description  Quad Port 10GbE Broadwell DE In-Line System on NIC Network Adapter
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SILICOM [Silicom Ltd.]
Homepage  https://www.silicom-usa.com/
Logo SILICOM - Silicom Ltd.

PE310G4DE4816BIA Datasheet(HTML) 3 Page - Silicom Ltd.

  PE310G4DE4816BIA Datasheet HTML 1Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 2Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 3Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 4Page - Silicom Ltd. PE310G4DE4816BIA Datasheet HTML 5Page - Silicom Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Silicom Ltd. Connectivity Solutions
Page
3
Single rank per channel
Nine 8 bit devices soldered directly to PCB (i.e. memory down) per channel
Network Interfaces
Quad SFP+ 10Gb Ethernet module slots
Accessible on the front faceplate
SFP+ MSA SFF-8431 compliant
Power Level II modules (1.5W max) supported
Link/activity LED per module slot (LED is located on the PCB, visible via holes in the metal bracket holder)
Dual 10Gb Ethernet virtual ports (In-line version only)
10GBASE-KR interface between controller and Broadwell-DE SoC
1Gb Ethernet Management port
RJ45 (with integrated LEDs) accessible on front faceplate
Storage Interfaces and Devices
M.2 SSD SATA Card slot
SATA revision 3 6Gb/s rates supported
Type 2242
–D2-M-x form factor supported SATA Ports
SATA revision 3 6Gb/s rates supported
SATA revision 3 6Gb/s rates supported
Three 7 pin vertical data connectors located on PCB toward the rear of the card
SPI Flash, 128Mb
For storing BIOS/BSP code
2×4 pin header and isolation circuitry provided for in circuit programming of the Flash device
Board Management
Two options for on board management: Nano-BMC or a Remote Thermal Monitor/Fan Controller IC
Board management scheme selected through a jumper on board
Control and monitoring of two on board fans
Board thermal monitoring including access to Broadwell-DE SoC internal temperature data
Voltage monitoring of various rails
Ability to remotely reboot or power down the board
Access to boards FRU EEPROM
Slave SMBus interface for access from the PCIe card interface


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn