Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5347B Datasheet(PDF) 2 Page - Semikron International

Part # 1N5347B
Description  Zener silicon diodes
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIKRON [Semikron International]
Direct Link  http://www.semikron.com
Logo SEMIKRON - Semikron International

1N5347B Datasheet(HTML) 2 Page - Semikron International

  1N5347B Datasheet HTML 1Page - Semikron International 1N5347B Datasheet HTML 2Page - Semikron International  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Axial lead diode
Zener silicon diodes
1N 5347B...1N 5388B
Maximum Power
Dissipation: 5 W
Nominal Z-voltage: 10 to 200 V
Features
Mechanical Data
1)
1N 5347B...1N 5388B
2
25-03-2004 SCT
© by SEMIKRON


Similar Part No. - 1N5347B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5347B MOTOROLA-1N5347B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
Digitron Semiconductors
1N5347B DIGITRON-1N5347B Datasheet
161Kb / 3P
   5 WATT ZENER DIODES
logo
First Components Intern...
1N5347B FCI-1N5347B Datasheet
100Kb / 3P
   5 Watt ZENER DIODES
logo
Yangzhou yangjie electr...
1N5347B YANGJIE-1N5347B Datasheet
447Kb / 5P
   Zener Diodes
logo
Frontier Electronics.
1N5347B FRONTIER-1N5347B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
More results

Similar Description - 1N5347B

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com