Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFS5045 Datasheet(PDF) 3 Page - TDK Electronics

Part # VFS5045
Description  Noise suppression filter For home appliances
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

VFS5045 Datasheet(HTML) 3 Page - TDK Electronics

  VFS5045 Datasheet HTML 1Page - TDK Electronics VFS5045 Datasheet HTML 2Page - TDK Electronics VFS5045 Datasheet HTML 3Page - TDK Electronics VFS5045 Datasheet HTML 4Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
20200805
(3/4)
suppression-filter_commercial_vfs5045_en.fm
EMC Components
VFS5045 type
SHAPE & DIMENSIONS
RECOMMENDED LAND PATTERN
RECOMMENDED REFLOW PROFILE
PACKAGING STYLE
REEL DIMENSIONS
TAPE DIMENSIONS
PACKAGE QUANTITY
TEMPERATURE RANGE, INDIVIDUAL WEIGHT
Operating temperature range includes self-temperature rise.
 The storage temperature range is for after the assembly.
Dimensions in mm
5.0±0.3
(2.4)
1.3±0.2
1.3±0.2
4.5max.
Dimensions in mm
1.5
2.1
1.5
Natural
cooling
5s
60 to 120s
Preheating
40s
Soldering
220°C
220°C
250°C
180°C
150°C
Time
Peak
Type
A
B
K
VFS5045
5.3
5.3
4.7
Package quantity
1500 pcs/reel
Operating
temperature range
Storage
temperature range
Individual
weight
–40 to +105 °C
–40 to +105 °C
0.46 g
ø13.2±0.5
ø330
Dimensions in mm
2.2
13
2.5±0.1
0.4
4.0±0.1
2.0±0.1
8.0±0.1
A
K
1.5
+0.1
–0
Dimensions in mm
Sprocket
hole
Cavity


Similar Part No. - VFS5045

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
VFS6045SA102 TDK-VFS6045SA102 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
VFS6045SA151 TDK-VFS6045SA151 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
VFS6045SA451 TDK-VFS6045SA451 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
VFS6045VA031 TDK-VFS6045VA031 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
More results

Similar Description - VFS5045

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
VFS6045 TDK-VFS6045 Datasheet
308Kb / 4P
   Noise suppression filter For home appliances
logo
Nais(Matsushita Electri...
ALF1P05 NAIS-ALF1P05 Datasheet
92Kb / 3P
   20A Power Relay For Home appliances
logo
TDK Electronics
MHF1608 TDK-MHF1608 Datasheet
178Kb / 4P
   Noise suppression filter For MF / HF band noise suppression
MAF1608F TDK-MAF1608F Datasheet
194Kb / 4P
   Noise suppression filter
MAF1005F TDK-MAF1005F Datasheet
194Kb / 5P
   Noise suppression filter
MAF0603GW TDK-MAF0603GW Datasheet
174Kb / 4P
   Noise suppression filter
MAF1608G TDK-MAF1608G Datasheet
219Kb / 4P
   Noise suppression filter
MAF1005G TDK-MAF1005G Datasheet
231Kb / 5P
   Noise suppression filter
MAF2520A TDK-MAF2520A Datasheet
180Kb / 4P
   Noise suppression filter
MAF1005GW TDK-MAF1005GW Datasheet
172Kb / 4P
   Noise suppression filter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com