Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FIN12AC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FIN12AC
Description  Low Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN12AC Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FIN12AC Datasheet HTML 1Page - Fairchild Semiconductor FIN12AC Datasheet HTML 2Page - Fairchild Semiconductor FIN12AC Datasheet HTML 3Page - Fairchild Semiconductor FIN12AC Datasheet HTML 4Page - Fairchild Semiconductor FIN12AC Datasheet HTML 5Page - Fairchild Semiconductor FIN12AC Datasheet HTML 6Page - Fairchild Semiconductor FIN12AC Datasheet HTML 7Page - Fairchild Semiconductor FIN12AC Datasheet HTML 8Page - Fairchild Semiconductor FIN12AC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Preliminary
© 2005 Fairchild Semiconductor Corporation
DS500915
www.fairchildsemi.com
April 2005
Revised May 2005
FIN12AC
PSerDes¥
Low Voltage 12-Bit Bi-Directional Serializer/Deserializer
with Multiple Frequency Ranges (Preliminary)
General Description
The FIN12AC is a 12-bit serializer capable of running a
parallel frequency range between 5MHz and 56MHz. The
frequency range is selected by the S1 and S2 control sig-
nals. The bi-directional data flow is controlled through use
of a direction (DIRI) control pin. The devices can be config-
ured to operate in a unidirectional mode only by hardwiring
the DIRI pin. An internal PLL generates the required bit
clock frequency for transfer across the serial link. Options
exist for dual or single PLL operation dependent upon sys-
tem
operational
parameters.
The
device
has
been
designed for low power operation and utilizes Fairchild Pro-
prietary Low Power CTL interface. The device also sup-
ports an ultra low power Power-Down mode for conserving
power in battery operated applications.
Features
s Low power consumption
s Fairchild Proprietary Low Power CTL interface
s LVCMOS parallel I/O interface
• 2 mA source/sink current
• Over-voltage tolerant control signals
s I/O power supply range between 1.65V and 3.6V
s Analog Power Supply range of 2.775V
r 5%
s Multi-Mode operation allows for a single device to
operate as Serializer or Deserializer
s Internal PLL with no external components
s Standby Power-Down mode support
s Small footprint 32-terminal MLP packaging
s Built in differential termination
s Supports external CKREF frequencies between
5MHz and 56MHz
s Serialized data rate up to 784Mb/s
Ordering Code:
Pb-Free package per JEDEC J-STD-020B.
BGA and MLP packages available in Tape and Reel only.
PSerDes¥ is a trademark of Fairchild Semiconductor Corporation.
Order Number
Package Number
Package Description
FIN12ACGFX
(Preliminary)
BGA42A
Pb-Free 42-Ball Ultra Small Scale Ball Grid Array (USS-BGA), JEDEC MO-195,
3.5mm Wide
FIN12ACMLX
MLP032A
Pb-Free 32-Terminal Molded Leadless Package (MLP), Quad, JEDEC MO-220, 5mm
Square


Similar Part No. - FIN12AC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN12AC FAIRCHILD-FIN12AC Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACGFX FAIRCHILD-FIN12ACGFX Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12ACMLX FAIRCHILD-FIN12ACMLX Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
More results

Similar Description - FIN12AC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FIN24A FAIRCHILD-FIN24A Datasheet
1Mb / 20P
   Low Voltage 24-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges (Preliminary)
FIN12AC FAIRCHILD-FIN12AC_08 Datasheet
642Kb / 21P
   Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN12AC FAIRCHILD-FIN12AC_06 Datasheet
514Kb / 24P
   uSerDes Low-Voltage 12-Bit Bi-Directional Serializer/Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC_08 Datasheet
762Kb / 23P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN212AC FAIRCHILD-FIN212AC Datasheet
514Kb / 22P
   12-Bit Serializer Deserializer with Multiple Frequency Ranges
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN24AC FAIRCHILD-FIN24AC_07 Datasheet
389Kb / 25P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_08 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC_11 Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224AC_0611 FAIRCHILD-FIN224AC_0611 Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com