Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OM5428 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # OM5428
Description  General purpose triggering circuit
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

OM5428 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button OM5428 Datasheet HTML 6Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 7Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 8Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 9Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 10Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 11Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 12Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 13Page - List of Unclassifed Manufacturers OM5428 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
OM5428
PW
XOUT
DIFFEN
QC+
IC+
IC-
QC-
SDIS
AMPIN
TRIG
VEE
VCC
RMNS
SAW
FLY
XDIS
LOAD
230
Vac
Rz
500K
VR25
Rs
100K
VR37
T1
Triac
Rg
250
Active
Neutral
C1
220
µF
16V
R3
750K
C2
100
µF
16V
R2
168K
R1
1M
θ
R4
1M
VR1
50K
lin
NTC
100K
Fig.4 Typical application of the OM5428 as a time proportional temperature controller. The arrangement gives triggering around the zero
crossings of the mains voltage as long as the voltage produced by the temperature bridge connected to IC+ (pin 5) is higher than the voltage on
IC
− (pin 6). The voltage on IC− is a sawtooth with a repetition time of approximately 30 s; this time is determined by the RC network formed by
R3 and C2. The values shown for Rs, Rg, Rz and C1 give a gate current IGT = 50 mA typical at VGT = 1.5 V and a trigger pulse duration
tw = 100 µs typical.


Similar Part No. - OM5428

ManufacturerPart #DatasheetDescription
logo
International Rectifier
OM5001ST IRF-OM5001ST Datasheet
34Kb / 2P
   15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
OM5001ST IRF-OM5001ST Datasheet
39Kb / 2P
   15 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5001ST IRF-OM5001ST_15 Datasheet
39Kb / 2P
   15 Amp, 50 To 600 Volts, 35 To 50 ns trr
OM5002ST IRF-OM5002ST Datasheet
34Kb / 2P
   15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
OM5003ST IRF-OM5003ST Datasheet
34Kb / 2P
   15 AMP ULTRA FAST RECTIFIER IN SMALL HERMETIC PACKAGE
More results

Similar Description - OM5428

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TCA280B PHILIPS-TCA280B Datasheet
604Kb / 12P
   General-purpose triggering circuit
September 1990
TDA1023 PHILIPS-TDA1023 Datasheet
266Kb / 19P
   Proportional-control triac triggering circuit
May 1991
logo
List of Unclassifed Man...
TCA280A ETC1-TCA280A Datasheet
622Kb / 13P
   GENERAL PURPOSE TRIGGER CIRCUIT
logo
NXP Semiconductors
TDA1024 PHILIPS-TDA1024 Datasheet
617Kb / 15P
   A MAIN-ZERO TRIAC-TRIGGERING CIRCUIT
jUNE 1976
logo
TEMIC Semiconductors
U211B2 TEMIC-U211B2 Datasheet
322Kb / 20P
   Phase Control Circuit - General Purpose Feedback
logo
Keysight Technologies
N5391B KEYSIGHT-N5391B Datasheet
3Mb / 8P
   Triggering and Decode
logo
NTE Electronics
NTE1103 NTE-NTE1103 Datasheet
22Kb / 2P
   Integrated Circuit General Purpose, Low Noise Preamplifier
logo
Keysight Technologies
N5462B KEYSIGHT-N5462B Datasheet
5Mb / 8P
   Triggering and Decode
N8812A KEYSIGHT-N8812A Datasheet
1Mb / 7P
   SVID Protocol Triggering
N8812B KEYSIGHT-N8812B Datasheet
1Mb / 7P
   SVID Protocol Triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com