Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IW4019B Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part No. IW4019B
Description  Quad AND/OR Select Gate
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

IW4019B Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
IW4019B
N SUFFIX PLASTIC
(MS - 001BB)
L
H
M
J
A
B
F
G
D
SEATING
PLANE
N
K
0.25 (0.010) M
T
-T-
C
1
16
8
9
Dimensions, mm
Symbol
MIN
MAX
A
18.67
19.69
B
6.10
7.11
C
5.33
D
0.36
0.56
F
1.14
1.78
G
2.54
H
7.62
J
0
°
10
°
K
2.92
3.81
L
7.62
8.26
M
0.20
0.36
N
0.38
NOTES:
1.
imensions “A”, “B” do not include mold flash or protrusions.
Maximum mold flash or protrusions 0.25 mm (0.010) per side.
D SUFFIX SOIC
(MS - 012AC)
A
B
H
C
K
C M
J
F
M
P
G
D
R x 45
SEATING
PLANE
0.25 (0.010) M
T
-T-
1
16
8
9
Dimensions, mm
Symbol.
MIN
MAX
A
9.80
10.0
B
3.80
4.00
C
1.35
1.75
D
0.33
0.51
F
0.40
1.27
G
1.27
H
5.72
J
0
°
8
°
K
0.10
0.25
M
0.19
0.25
P
5.80
6.20
R
0.25
0.50
NOTES:
1.Dimensions A and B do not include mold flash or protrusion.
2.Maximum mold flash or protrusion 0.15 mm (0.006) per side for A, for
B - 0.25 mm (0.010) per side.
5


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SL4019BQuad AND/OR Select Gate 1 2 3 4 System Logic Semiconductor
CD4019BCMOS Quad AND/OR Select Gate 1 2 3 4 5 MoreTexas Instruments
HCC4019BQUAD AND/OR SELECT GATE 1 2 3 4 5 MoreSTMicroelectronics
CD4019BCQuad AND-OR Select Gate 1 2 3 4 5 MoreFairchild Semiconductor
CD4019BMSCMOS Quad AND/OR Select Gate 1 2 3 4 5 MoreIntersil Corporation
CD4019BMQuad AND-OR Select Gate 1 2 3 4 National Semiconductor (TI)
MMC4019QUAD AND OR SELECT GATE 1 2 3 4 Micro Electronics
MC74LCX86LOW-VOLTAGE CMOS QUAD 2-INPUT XOR GATE 1 2 3 4 5 MoreMotorola, Inc
SN54LS08QUAD 2-INPUT AND GATE 1 2 3 4 Motorola, Inc

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn