Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC174A Datasheet(PDF) 6 Page - Integral Corp.

Part # IN74HC174A
Description  Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC174A Datasheet(HTML) 6 Page - Integral Corp.

  IN74HC174A Datasheet HTML 1Page - Integral Corp. IN74HC174A Datasheet HTML 2Page - Integral Corp. IN74HC174A Datasheet HTML 3Page - Integral Corp. IN74HC174A Datasheet HTML 4Page - Integral Corp. IN74HC174A Datasheet HTML 5Page - Integral Corp. IN74HC174A Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
IN74HC174A
6
INTEGRAL
CHIP PAD DIAGRAM
Chip marking :15HC174
Location of marking (mm): left lower corner x = 0.110, y = 0.870; right lower corner x = 0.240, y = 0.900
Chip thickness: 0.46
± 0.02 mm
PAD LOCATION
Location (left lower corner), mm
Pad No
Symbol
X
Y
Pad size, mm
01
Reset
0.115
0.340
0.12
×0.12
02
Q0
0.115
0.140
0.12
×0.12
03
D0
0.325
0.115
0.12
×0.12
04
D1
0.580
0.115
0.12
×0.12
05
Q1
0.850
0.115
0.12
×0.12
06
D2
1.145
0.115
0.12
×0.12
07
Q2
1.345
0.140
0.12
×0.12
08
GND
1.370
0.355
0.12
×0.16
09
Clock
1.365
0.815
0.12
×0.12
10
Q3
1.355
1.045
0.12
×0.12
11
D3
1.155
1.065
0.12
×0.12
12
Q4
0.880
1.065
0.12
×0.12
13
D4
0.620
1.065
0.12
×0.12
14
D5
0.320
1.065
0.12
×0.12
15
Q5
0.125
1.045
0.12
×0.12
16
Vcc
0.115
0.660
0.12
×0.19
Note: Location is given as per passivation layer
01
08
02
09
03
10
04
1.6 + 0.03
11
05
15
Chip marking
12
06
16
13
07
14


Similar Part No. - IN74HC174A

ManufacturerPart #DatasheetDescription
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC174A

ManufacturerPart #DatasheetDescription
Motorola, Inc
Motorola, Inc
MC54HC174A MOTOROLA-MC54HC174A Datasheet
210Kb / 6P
   Hex D Flip-Flop With Common Clock And Reset High-Performance Silicon-Gate CMOS
KODENSHI_AUK CORP.
KODENSHI_AUK CORP.
KK74HC174A KODENSHI-KK74HC174A Datasheet
229Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
ON Semiconductor
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KODENSHI_AUK CORP.
KODENSHI_AUK CORP.
KK74AC174 KODENSHI-KK74AC174 Datasheet
265Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
Integral Corp.
Integral Corp.
IN74AC174 INTEGRAL-IN74AC174 Datasheet
133Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KODENSHI_AUK CORP.
KODENSHI_AUK CORP.
KK74ACT174 KODENSHI-KK74ACT174 Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74AC174 IKSEMICON-IN74AC174 Datasheet
185Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
System Logic Semiconductor
System Logic Semiconduc...
SL74HCT273 SLS-SL74HCT273 Datasheet
48Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com