Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC174A Datasheet(PDF) 4 Page - Integral Corp.

Part No. IN74HC174A
Description  Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC174A Datasheet(HTML) 4 Page - Integral Corp.

  IN74HC174A Datasheet HTML 1Page - Integral Corp. IN74HC174A Datasheet HTML 2Page - Integral Corp. IN74HC174A Datasheet HTML 3Page - Integral Corp. IN74HC174A Datasheet HTML 4Page - Integral Corp. IN74HC174A Datasheet HTML 5Page - Integral Corp. IN74HC174A Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IN74HC174A
4
INTEGRAL
AC ELECTRICAL CHARACTERISTICS(C
L=50pF, Input t r=tf=6.0 ns, VIL= 0 V, VIH=Vcc)
VCC
Guaranteed Limit
Symbol
Parameter
V
-55
°C
to
25
°C
≤85°C
≤125°C
Unit
fmax
Maximum Clock Frequency (50% Duty Cycle)
(Figures 1 and 4)
2.0
4.5
6.0
6.0
30
35
4.8
24
28
4.0
20
24
MHz
tPLH, tPHL
Maximum Propagation Delay, Clock to Q (Figures
1 and 4)
2.0
4.5
6.0
110
22
19
140
28
24
165
33
28
ns
tPHL
Maximum Propagation Delay , Reset to Q
(Figures 2 and 4)
2.0
4.5
6.0
110
21
19
140
28
24
160
32
27
ns
tTLH, tTHL
Maximum Output Transition Time, Any Output
(Figures 1 and 4)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
CIN
Maximum Input Capacitance
-
10
10
10
pF
Power Dissipation Capacitance (Per Enabled
Output)
Typical @25
°C,V
CC=5.0 V
CPD
Used to determine the no-load dynamic power
consumption: PD=CPDVCC
2f+I
CCVCC
62
pF
TIMING REQUIREMENTS (C
L=50pF,Input t r=tf=6.0 ns, VIL= 0 V, VIH=Vcc)
VCC
Guaranteed Limit
Symbol
Parameter
V
-55
°C to
25
°C
≤85°C
≤125°C
Unit
tSU
Minimum Setup Time, Data to
Clock (Figure 3)
2.0
4.5
6.0
50
10
9
65
13
11
75
15
13
ns
th
Minimum Hold Time, Clock to
Data (Figure 3)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
trec
Minimum Recovery Time,
Reset Inactive to Clock (Figure
2)
2.0
4.5
6.0
5
5
5
5
5
5
5
5
5
ns
tw
Minimum Pulse Width, Clock
(Figure 1)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
tw
Minimum Pulse Width, Reset
(Figure 2)
2.0
4.5
6.0
75
15
13
95
19
16
110
22
19
ns
tr, tf
Maximum Input Rise and Fall
Times (Figure 1)
2.0
4.5
6.0
1000
500
400
1000
500
400
1000
500
400
ns


Similar Part No. - IN74HC174A

ManufacturerPart No.DatasheetDescription
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
More results

Similar Description - IN74HC174A

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MC54HC174A MOTOROLA-MC54HC174A Datasheet
210Kb / 6P
   Hex D Flip-Flop With Common Clock And Reset High-Performance Silicon-Gate CMOS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HC174A KODENSHI-KK74HC174A Datasheet
229Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
ON Semiconductor
ON Semiconductor
MC74HC174A ONSEMI-MC74HC174A_06 Datasheet
132Kb / 9P
   Hex D Flip?묯lop with Common Clock and Reset High?뭁erformance Silicon?묰ate CMOS
December, 2006 ??Rev. 10
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74HC174A IKSEMICON-IN74HC174A Datasheet
216Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Performance Silicon-Gate CMOS
IN74ACT174 IKSEMICON-IN74ACT174 Datasheet
247Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74AC174 KODENSHI-KK74AC174 Datasheet
265Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
Integral Corp.
Integral Corp.
IN74AC174 INTEGRAL-IN74AC174 Datasheet
133Kb / 5P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74ACT174 KODENSHI-KK74ACT174 Datasheet
260Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74AC174 IKSEMICON-IN74AC174 Datasheet
185Kb / 6P
   Hex D Flip-Flop with Common Clock and Reset High-Speed Silicon-Gate CMOS
System Logic Semiconductor
System Logic Semiconduc...
SL74HCT273 SLS-SL74HCT273 Datasheet
48Kb / 5P
   Octal D Flip-Flop with Common Clock and Reset(High-Performance Silicon-Gate CMOS)
More results


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz