Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC11A Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74HC11A
Description  Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC11A Datasheet(HTML) 1 Page - Integral Corp.

  IN74HC11A Datasheet HTML 1Page - Integral Corp. IN74HC11A Datasheet HTML 2Page - Integral Corp. IN74HC11A Datasheet HTML 3Page - Integral Corp. IN74HC11A Datasheet HTML 4Page - Integral Corp. IN74HC11A Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
IN74HC11A
Triple 3-Input AND Gate
High-Performance Silicon-Gate CMOS
ORDERING INFORMATION
IN74HC11AN Plastic
IN74HC11AD SOIC
TA = -55° to 125° C for all packages
The IN74HC11A is identical in pinout to the LS/ALS11. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LS/ALSTTL outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
C
Y
L
X
X
L
X
L
X
L
X
X
L
L
H
H
H
H
X = don’t care
1


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IN74HC10A Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS 1  2  3  4  5  Integral Corp.
IDT74LVC11A 3.3V CMOS TRIPLE 3-INPUT AND GATE WITH 5 VOLT TOLERANT I/O 1  2  3  4  5  Integrated Device Technology
CD5474HC11 High Speed CMOS Logic Triple 3-Input AND Gate 1  2  3  4  5  More Texas Instruments
54AC11 Triple 3-Input AND Gate 1  2  3  4  5  More National Semiconductor (TI)
74ALS11A Triple 3-Input AND gate 1  2  3  4  5  More NXP Semiconductors
DM74S11 Triple 3-Input AND Gate 1  2  3  Fairchild Semiconductor
74LVQ11 TRIPLE 3-INPUT AND GATE 1  2  3  4  5  More STMicroelectronics
7411 TRIPLE 3-INPUT AND GATE 1  List of Unclassifed Manufacturers
IN74HC00A Quad 2-Input NAND Gate High-Performance Silicon-Gate CMOS 1  2  3  4  Integral Corp.
M74HC11 TRIPLE 3-INPUT AND GATE 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn