Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IN74HC10A Datasheet(PDF) 1 Page - Integral Corp.

Part No. IN74HC10A
Description  Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEGRAL [Integral Corp.]
Direct Link  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IN74HC10A Datasheet(HTML) 1 Page - Integral Corp.

  IN74HC10A Datasheet HTML 1Page - Integral Corp. IN74HC10A Datasheet HTML 2Page - Integral Corp. IN74HC10A Datasheet HTML 3Page - Integral Corp. IN74HC10A Datasheet HTML 4Page - Integral Corp. IN74HC10A Datasheet HTML 5Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
TECHNICAL DATA
IN74HC10A
Triple 3-Input NAND Gate
High-Performance Silicon-Gate CMOS
ORDERING INFORMATION
IN74HC10AN Plastic
IN74HC10AD SOIC
TA = -55° to 125° C for all packages
The IN74HC10A is identical in pinout to the LS/ALS10. The device
inputs are compatible with standard CMOS outputs; with pullup resistors,
they are compatible with LSTTL outputs.
• Outputs Directly Interface to CMOS, NMOS, and TTL
• Operating Voltage Range: 2.0 to 6.0 V
• Low Input Current: 1.0 µA
• High Noise Immunity Characteristic of CMOS Devices
LOGIC DIAGRAM
PIN 14 =VCC
PIN 7 = GND
PIN ASSIGNMENT
FUNCTION TABLE
Inputs
Output
A
B
C
Y
L
X
X
H
X
L
X
H
X
X
L
H
H
H
H
L
X = don’t care
1


Similar Part No. - IN74HC10A

ManufacturerPart No.DatasheetDescription
IK Semicon Co., Ltd
IK Semicon Co., Ltd
IN74HC10A IKSEMICON-IN74HC10A Datasheet
185Kb / 5P
   High Noise Immunity Characteristic of CMOS Devices
More results

Similar Description - IN74HC10A

ManufacturerPart No.DatasheetDescription
System Logic Semiconductor
System Logic Semiconduc...
SL74HCT10 SLS-SL74HCT10 Datasheet
33Kb / 4P
   Triple 3-Input NAND Gate(High-Performance Silicon-Gate CMOS)
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HCT10A KODENSHI-KK74HCT10A Datasheet
195Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
ON Semiconductor
ON Semiconductor
MC74HC10A ONSEMI-MC74HC10A Datasheet
153Kb / 8P
   Triple 3-Input NAND Gate High?뭁erformance Silicon?묰ate CMOS
December, 2009 ??Rev. 1
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74HC10A KODENSHI-KK74HC10A Datasheet
193Kb / 5P
   Triple 3-Input NAND Gate High-Performance Silicon-Gate CMOS
KK4023B KODENSHI-KK4023B Datasheet
221Kb / 5P
   Triple 3-Input NAND Gate High-Voltage Silicon-Gate CMOS
KK74AC10 KODENSHI-KK74AC10 Datasheet
224Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
KK74ACT10 KODENSHI-KK74ACT10 Datasheet
210Kb / 5P
   Triple 3-Input NAND Gate High-Speed Silicon-Gate CMOS
Motorola, Inc
Motorola, Inc
MC74HC4075 MOTOROLA-MC74HC4075 Datasheet
71Kb / 4P
   TRIPLE 3- INPUT OR GATE HIGH-PERFORMANCE SILICON-GATE CMOS
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KK74AC11 KODENSHI-KK74AC11 Datasheet
231Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
Integral Corp.
Integral Corp.
IN74HC11A INTEGRAL-IN74HC11A Datasheet
178Kb / 5P
   Triple 3-Input AND Gate High-Performance Silicon-Gate CMOS
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz