Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APM-A3A1 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # APM-A3A1
Description  APM Series Compact Proximity Sensors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

APM-A3A1 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  APM-A3A1 Datasheet HTML 1Page - List of Unclassifed Manufacturers APM-A3A1 Datasheet HTML 2Page - List of Unclassifed Manufacturers APM-A3A1 Datasheet HTML 3Page - List of Unclassifed Manufacturers APM-A3A1 Datasheet HTML 4Page - List of Unclassifed Manufacturers APM-A3A1 Datasheet HTML 5Page - List of Unclassifed Manufacturers APM-A3A1 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
PRECAUTIONS
Mounting
This sensor is provided with an M2.6 screw (neck length 12mm),
hexagonal head unit, plain washer and spring washer.
Tighten the screw to the torque shown below.
Allowable tightening
torque
Recommended screw
diameter
0.5N-m
M2.6
Influence of surrounding metal
Metal other than the object surrounding the sensor may in-
fluence operating characteristics. Maintain the following space
between the sensor and surrounding metal:
Side (mm)
Top (mm)
A=3
B=8, C=10
Side sensing type
Top sensing type
Mutual interference prevention
When mounting proximity sensors in parallel or facing each
other, mutual interference may cause the sensor to malfunction.
Maintain at least the spaces indicated in the figures above.
When alternately mounting standard-frequency types and
different-frequency types (Catalog listing
APM-
3
1F)ina
row, maintain at least the space indicated by the figure in
parentheses for both dimensions A and B.
Side sensing type
Top sensing type
Facing each other
isolation
A (mm)
B (mm)
Side sensing type
20(0)
40(10)
Top sensing type
20(0)
40(10)
Operation at power ON
After the power is turned ON, it takes 40ms or less until the
proximity sensor is ready for sensing.
When the load and the proximity sensor use different power
supplies, be sure to turn the proximity sensor ON before turning
the load ON.
Minimum cord bending radius (R)
The minimum bending radius (R) of the cord is 10mm. Take care
not to excessively bend the cord beyond this radius. Also, do not
excessively bend the cord within 30mm of the cord lead-in port.
RESTRICIONS ON USE
This product has been designed, developed and manufactured for
general-purpose application in machinery and equipment. Accordingly,
when used in applications outlined below, special care should be taken
to implement a fail-safe and/or redundant design concept as well as a
periodic maintenance program.
- Safety devices for plant worker protection
Start/stop control devices for transportation and material
handling machines
- Aeronautical/aerospace machines
- Control devices for nuclear reactors
Never use this product in applications where human safety may be put
at risk.
(01)
Printed in Japan (SP)
1st Edition: lssued in Apr., 2002
2nd Edition: Issued in Oct., 2003


Similar Part No. - APM-A3A1

ManufacturerPart #DatasheetDescription
logo
Minmax Technology Co., ...
APM-40 MINMAX-APM-40 Datasheet
555Kb / 5P
   CE Marking with EMC and LVD
APM-40D12 MINMAX-APM-40D12 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40D15 MINMAX-APM-40D15 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S05 MINMAX-APM-40S05 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
APM-40S12 MINMAX-APM-40S12 Datasheet
412Kb / 5P
   AC/DC Power Module 40W, Industrial & Medical Safety
More results

Similar Description - APM-A3A1

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
8059122 FESTO-8059122 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106572 FESTO-8106572 Datasheet
74Kb / 1P
   Proximity sensors
8106578 FESTO-8106578 Datasheet
70Kb / 1P
   Proximity sensors
8059124 FESTO-8059124 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106575 FESTO-8106575 Datasheet
68Kb / 1P
   Proximity sensors
logo
Omron Electronics LLC
E2V-X2B1 OMRON-E2V-X2B1 Datasheet
754Kb / 6P
   Proximity Sensors
logo
Festo Corporation.
8059121 FESTO-8059121 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8059120 FESTO-8059120 Datasheet
87Kb / 2P
   Proximity sensors
7/11/22
8059125 FESTO-8059125 Datasheet
86Kb / 2P
   Proximity sensors
7/11/22
8106571 FESTO-8106571 Datasheet
73Kb / 1P
   Proximity sensors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com