Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VVZB120 Datasheet(PDF) 3 Page - IXYS Corporation

Part No. VVZB120
Description  Three Phase Half Controlled Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

VVZB120 Datasheet(HTML) 3 Page - IXYS Corporation

  VVZB120 Datasheet HTML 1Page - IXYS Corporation VVZB120 Datasheet HTML 2Page - IXYS Corporation VVZB120 Datasheet HTML 3Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
© 2000 IXYS All rights reserved
3 - 3
VVZB 120
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
I
R
V
R
= V
RRM,
T
VJ = 25°C
0.75
mA
V
R
= 0.8 V
RRM,TVJ = 150°C
3
7
mA
V
F
I
F
= 30 A,
T
VJ = 25°C
2.55
V
V
T0
For power-loss calculations only
1.65
V
r
T
T
VJ
= 150°C
18.2 m
W
I
RM
I
F
= 30 A,
-di
F/dt = 240 A/µs
16
18
A
V
R
= 100 V
t
rr
I
F
= 1 A,
-di
F/dt = 100 A/µs
40
60
ns
V
R
= 30 V
R
thJC
1.1 K/W
R
thJH
1.5 K/W
Common Specification
Maximum Ratings
T
VJ
-40...+150
°C
T
VJM
150
°C
T
stg
-40...+125
°C
V
ISOL
50/60 Hz
t = 1 min
3000
V~
I
ISOL
£ 1 mA
t = 1 s
3600
V~
M
d
Mounting torque
(M5)
2-2.5
Nm
(10-32 unf)
18-22
lb.in.
Weight
typ.
80
g
d
S
Creep distance on surface
12.7
mm
d
A
Strike distance in air
11
mm
a
Maximum allowable acceleration
50
m/s2
R
25
Thermistor
2.1
k
W
B
25/100
3560
K
Dimensions in mm (1 mm = 0.0394")


Similar Part No. - VVZB120

ManufacturerPart No.DatasheetDescription
IXYS Corporation
IXYS Corporation
VVZB120-16IOX IXYS-VVZB120-16IOX Datasheet
312Kb / 7P
   Thyristor Module(3~ Rectifier Bridge, half-controlled (high-side) Brake Unit)
More results

Similar Description - VVZB120

ManufacturerPart No.DatasheetDescription
IXYS Corporation
IXYS Corporation
VUB116 IXYS-VUB116 Datasheet
50Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO2 IXYS-VUB120-12NO2 Datasheet
69Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB170-16NO1 IXYS-VVZB170-16NO1 Datasheet
196Kb / 3P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB135 IXYS-VVZB135 Datasheet
137Kb / 5P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB60 IXYS-VUB60 Datasheet
110Kb / 4P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB120-12NO1 IXYS-VUB120-12NO1 Datasheet
104Kb / 4P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VUB71 IXYS-VUB71 Datasheet
183Kb / 2P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
VVZB135-16NO1 IXYS-VVZB135-16NO1 Datasheet
272Kb / 5P
   Three Phase Rectifier Bridge with IGBT and Fast Recovery Diode for Braking System
Semikron International
Semikron International
SK170DHL126 SEMIKRON-SK170DHL126 Datasheet
300Kb / 2P
   Half controlled bridge rectifier IGBT braking chopper
SK200DHL066 SEMIKRON-SK200DHL066 Datasheet
306Kb / 2P
   Half controlled bridge rectifier IGBT braking chopper
More results


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz