Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PM5309 Datasheet(PDF) 1 Page - PMC-Sierra, Inc

Part # PM5309
Description  Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM5309 Datasheet(HTML) 1 Page - PMC-Sierra, Inc

  PM5309 Datasheet HTML 1Page - PMC-Sierra, Inc PM5309 Datasheet HTML 2Page - PMC-Sierra, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PM5309
Released
Multi-rate Telecom Backplane SERDES for 2.5 Gbit/s Interconnect
TBS 2488
PMC-2021208 (R4)
PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA, INC., AND FOR ITS CUSTOMERS’ INTERNAL USE
© Copyright PMC-Sierra, Inc. 2005
FEATURES
• High performance backplane interface
and cross-connect for 2.5G line cards in
SONET/SDH systems.
• Provides one low-speed parallel
TelecomBus interface operating at
32 bits x 77.76 MHz.
• Provides three high-speed multi-rate
serial backplane interfaces.
• Supports CLOS and memory-based
switch fabric systems.
• Supports linear, UPSR, and BLSR
protection strategies.
SWITCHING CAPACITY
• Implements a 10G memory switch fabric
with STS-1/AU-3 switching granularity in
a single device.
• Supports non-blocking anycast switching
between any of the serial or parallel
interfaces.
• Provides two pages of connection
memory with software and hardware
controlled hitless page swaps at frame
boundaries.
• Provides integrated delay management
that allows for arbitrary SONET/SDH
frame alignments on each ingress serial
link.
SERIAL PORT FUNCTIONS
• Supports three RASIO 3G high-speed
serial backplane interfaces for interfacing
with SONET/SDH cross-connects,
framers, mappers, and other
TBS™ 2488 devices.
• Each high-speed serial backplane
interface is capable of independent
operation at 4x622 Mbit/s scrambled
NRZ SONET/SDH, 4x777 Mbit/s Serial
TelecomBus, or 1x2488 Mbit/s
scrambled NRZ SONET/SDH.
• High-speed serial RASIO compatible
with CML, LVDS, and LVPECL.
• Supports nibble and di-bit slicing on
622 Mbit/s links for sliced switching
architectures.
PARALLEL PORT FUNCTIONS
• Supports one 32-bit or four 8-bit
77.76 MHz TelecomBus interfaces to
interface with parallel TelecomBus
framers and mappers.
• Integrated pointer interpreter reduces
complexity of external framers and
mappers by asserting payload, J0, and
J1 indications on the outgoing
TelecomBus interface.
• Allows insertion and extraction of TOH
bytes through a dedicated low speed
serial interface.
BLOCK DIAGRAM
ESSI
Link
Framing &
Monitoring
Rx RASIO
Pointer
Interpreter
& Delay
Mgmt
ESSI
Link
Framing &
Monitoring
Rx RASIO
Pointer
Interpreter
& Delay
Mgmt
Connection
Memory and
Control
T elecomBus
Monitor &
Byte
Interleave
ESSI
Link
Framing &
Monitoring
Rx RASIO
Pointer
Interpreter
& Delay
Mgmt
ESSI
Link
Generator
Tx
RASIO
TxP1[4:1]
TxN1[4:1]
ESSI
Link
Generator
Tx
RASIO
TxP2[4:1]
TxN2[4:1]
ESSI
Link
Generator
Tx
RASIO
TxP3[4:1]
TxN3[4:1]
T elecomBus
Signal
Generator &
Byte De-
Interleave
Overhead
Extract
CSU (3)
Overhead
Insert
JT AG
Interface
Microprocessor
Interface
RxP1[4:1]
RxN1[4:1]
RxP2[4:1]
RxN2[4:1]
RxP3[4:1]
RxN3[4:1]
OD[4:1][7:0]
ODP[4:1]
OPL[4:1]
OJ0J1[4:1]
OPAIS[4:1]
OD[4:1][7:0]
ODP[4:1]
OPL[4:1]
OJ0J1[4:1]
OPAIS[4:1]
STS-1 / AU-3
Cross-Connect
SYSCLK
ITOHD
ITOHEN
OTOHD
OTOHFP
OTOHCLK
ITOHFP
ITOHCLK


Similar Part No. - PM5309

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5307 PMC-PM5307 Datasheet
312Kb / 2P
   9.953 Gbit/s Telecom Bus Serializer
More results

Similar Description - PM5309

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM5310 PMC-PM5310 Datasheet
58Kb / 2P
   TelecomBus Serializer for 2.5 Gbit/s Interconnect
PM5307 PMC-PM5307 Datasheet
312Kb / 2P
   9.953 Gbit/s Telecom Bus Serializer
logo
Infineon Technologies A...
FOA1252A1 INFINEON-FOA1252A1 Datasheet
197Kb / 16P
   2.5 Gbit/s Transimpedance Amplifier
July 1998
logo
Broadcom Corporation.
AFCT-711XPDZ BOARDCOM-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
National Semiconductor ...
SCAN50C400A NSC-SCAN50C400A Datasheet
1Mb / 30P
   1.25/2.5/5.0 Gbps Quad Multi-Rate Backplane Transceiver
logo
AVAGO TECHNOLOGIES LIMI...
AFCT-711XPDZ AVAGO-AFCT-711XPDZ Datasheet
538Kb / 15P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
HFCT-711XPD AVAGO-HFCT-711XPD Datasheet
340Kb / 14P
   Multi-rate 1310 nm XFP 10 Gbit/s Optical Transceiver
logo
List of Unclassifed Man...
GD16571 ETC-GD16571 Datasheet
115Kb / 7P
   2.5 GBIT/S RETIMING LASER DRIVER
logo
PMC-Sierra, Inc
PM8355 PMC-PM8355 Datasheet
58Kb / 2P
   4-Channel 2.125, 2.5 and 3.125 Gbit/s Transceiver with Half-rate Support
logo
List of Unclassifed Man...
GD16521 ETC-GD16521 Datasheet
166Kb / 13P
   2.5 GBIT/S RE TIMING LASER DRIVER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com