Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC59LM814CFT-55 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TC59LM814CFT-55
Description  4,194,304 / 8,388,608-WORDS x 4 BANKS x 16 / 8-BITS Network FCRAM
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC59LM814CFT-55 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TC59LM814CFT-55 Datasheet HTML 4Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 5Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 6Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 7Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 8Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 9Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 10Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 11Page - Toshiba Semiconductor TC59LM814CFT-55 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
TC59LM814/06CFT-50,-55,-60
2002-08-19
8/38
AC CHARACTERISTICS AND OPERATING CONDITIONS (Notes: 1, 2) (continued)
-50
-55
-60
SYMBOL
PARAMETER
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
NOTES
tQSLZ
DQS-out Low Impedance Time
from CLK
−0.65
−0.75
−0.85
3,6,8
tQSHZ
DQS-out High Impedance Time
from CLK
−0.65
0.65
−0.75
0.75
−0.85
0.85
3,7,8
tQPDH
Last output to PD High Hold
Time
0
0
0
tPDEX
Power Down Exit Time
2
2
2
3
tT
Input Transition Time
0.1
1
0.1
1
0.1
1
tFPDL
PD Low Input Window for
Self-Refresh Entry
−0.5 × tCK
5
−0.5 × tCK
5
−0.5 × tCK
5
ns
3
tREFI
Auto-Refresh Average Interval
0.4
7.8
0.4
7.8
0.4
7.8
5
tPAUSE
Pause Time after Power-up
200
200
200
µs
CL = 3
5
5
5
IRC
Random Read/Write
Cycle Time
(applicable to same
bank)
CL = 4
5
5
5
IRCD
RDA/WRA to LAL Command
Input Delay
(applicable to same bank)
1
1
1
1
1
1
CL = 3
4
4
4
IRAS
LAL to RDA/WRA
Command Input Delay
(applicable to same
bank)
CL = 4
4
4
4
IRBD
Random Bank Access Delay
(applicable to other bank)
2
2
2
BL = 2
2
2
2
IRWD
LAL following RDA to
WRA Delay
(applicable to other
bank)
BL = 4
3
3
3
IWRD
LAL following WRA to RDA Delay
(applicable to other bank)
1
1
1
CL = 3
5
5
5
IRSC
Mode Register Set
Cycle Time
CL = 4
5
5
5
IPD
PD Low to Inactive State of
Input Buffer
1
1
1
IPDA
PD High to Active State of Input
Buffer
1
1
1
CL = 3
15
15
15
IPDV
Power down mode valid
from REF command
CL = 4
18
18
18
CL = 3
15
15
15
IREFC
Auto-Refresh Cycle
Time
CL = 4
18
18
18
ICKD
REF Command to Clock Input
Disable at Self-Refresh Entry
16
16
16
ILOCK
DLL Lock-on Time (applicable to
RDA command)
200
200
200
cycle


Similar Part No. - TC59LM814CFT-55

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC59LM818DMB-33 TOSHIBA-TC59LM818DMB-33 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMB-40 TOSHIBA-TC59LM818DMB-40 Datasheet
727Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-33 TOSHIBA-TC59LM818DMG-33 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
TC59LM818DMG-40 TOSHIBA-TC59LM818DMG-40 Datasheet
726Kb / 57P
   MOS DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC 288Mbits Network FCRAM2
More results

Similar Description - TC59LM814CFT-55

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89363AF SAMSUNG-K4C89363AF Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
logo
Integrated Silicon Solu...
IS42S16128 ISSI-IS42S16128 Datasheet
638Kb / 75P
   128K Words x 16 Bits x 2 Banks (4-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Integrated Circuit Solu...
IS42S8800 ICSI-IS42S8800 Datasheet
1Mb / 68P
   2(1)M words x 8(16) bits x 4 banks (64-mbit) synchronous dynamic ram
logo
Integrated Silicon Solu...
IS42S16100C1 ISSI-IS42S16100C1_07 Datasheet
912Kb / 81P
   512K Words x 16 Bits x 2 Banks (16-MBIT) SYNCHRONOUS DYNAMIC RAM
logo
Winbond
W9812G6JH WINBOND-W9812G6JH_13 Datasheet
834Kb / 42P
   2M x 4 BANKS x 16 BITS SDRAM
W9864G6DB WINBOND-W9864G6DB Datasheet
1Mb / 48P
   1M x 4 BANKS x 16 BITS SDRAM
W9812G6JB-6I-TR WINBOND-W9812G6JB-6I-TR Datasheet
1Mb / 42P
   2M X 4 BANKS X 16 BITS SDRAM
W9864G6KH-5-TR WINBOND-W9864G6KH-5-TR Datasheet
693Kb / 42P
   1M X 4 BANKS X 16 BITS SDRAM
W986416DH WINBOND-W986416DH Datasheet
1Mb / 48P
   1M X 4 BANKS X 16 BITS SDRAM
W9864G6JH WINBOND-W9864G6JH_13 Datasheet
841Kb / 43P
   1M x 4 BANKS x 16 BITS SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com