Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SY58021U Datasheet(PDF) 1 Page - Micrel Semiconductor

Part # SY58021U
Description  4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

SY58021U Datasheet(HTML) 1 Page - Micrel Semiconductor

  SY58021U Datasheet HTML 1Page - Micrel Semiconductor SY58021U Datasheet HTML 2Page - Micrel Semiconductor SY58021U Datasheet HTML 3Page - Micrel Semiconductor SY58021U Datasheet HTML 4Page - Micrel Semiconductor SY58021U Datasheet HTML 5Page - Micrel Semiconductor SY58021U Datasheet HTML 6Page - Micrel Semiconductor SY58021U Datasheet HTML 7Page - Micrel Semiconductor SY58021U Datasheet HTML 8Page - Micrel Semiconductor SY58021U Datasheet HTML 9Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
Precision Edge®
SY58021U
Micrel, Inc.
M9999-062405
hbwhelp@micrel.com or (408) 955-1690
DESCRIPTION
Precision 1:4, LVPECL fanout buffer
Guaranteed AC performance over temperature/
voltage:
• >4GHz fMAX (clock)
• <100ps tr /tf Times
• <300ps tpd
• <15ps max skew
Low jitter performance
• <10pspp total jitter (clock)
• <1psrms random jitter (data)
• <10pspp deterministic jitter (data)
Accepts an input signal as low as 100mV
Unique input termination and VT pin accepts
DC-coupled and AC-coupled differential inputs:
LVPECL, LVDS, and CML
100k LVPECL compatible 800mV swing output
Power supply 2.5V
±5% and 3.3V ±10%
–40
°C to +85°C temperature range
Available in 16-pin (3mm
××××× 3mm) MLF™ package
FEATURES
4GHz, 1:4 LVPECL FANOUT
BUFFER/ TRANSLATOR
WITH INTERNAL TERMINATION
Precision Edge®
SY58021U
APPLICATIONS
s All SONET and All GigE clock distribution
s Fibre Channel clock and data distribution
s Backplane distribution
s High-end, low skew, multiprocessor synchronous
clock distribution
Rev.: D
Amendment: /0
Issue Date:
June 2005
The SY58021U is a 2.5V/3.3V precision, high-speed, fully
differential 1:4 LVPECL fanout buffer. Optimized to provide
four identical output copies with less than 15ps of skew and
less than 10pspp total jitter, the SY58021U can process
clock signals as fast as 4GHz.
The differential input includes Micrel’s unique, 3-pin input
termination architecture interfaces to differential LVPECL,
CML, and LVDS signals (AC- or DC-coupled) as small as
100mV without any level-shifting or termination resistor
networks in the signal path. For AC-coupled input interface
applications, an on-board output reference voltage (VREF-
AC) is provided to bias the VT pin. The outputs are 100k
LVPECL compatible, with extremely fast rise/fall times
guaranteed to be less than 100ps.
The SY58021U operates from a 2.5V
±5% supply or
3.3V
±10% supply and is guaranteed over the full industrial
temperature range (–40
°C to +85°C). For applications that
require faster rise/fall times, or greater bandwidth, consider
the SY58022U 1:4 fanout buffer with 400mV LVPECL output
swing, or the SY58020U 1:4 CML fanout buffer. The
SY58021U is part of Micrel’s high-speed, Precision Edge®
product line.
All support documentation can be found on Micrel’s web
site at www.micrel.com.
FUNCTIONAL BLOCK DIAGRAM
TYPICAL PERFORMANCE
Precision Edge is a registered trademark of Micrel , Inc.
MicroLeadFrame and MLF are trademarks of Amkor Technology, Inc.
IN
/IN
Q1
/Q1
Q0
/Q0
VT
50
50
VREF-AC
Q3
/Q3
Q2
/Q2
Precision Edge®
1.25GHz Output
TIME (100ps/div.)


Similar Part No. - SY58021U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58021U MICREL-SY58021U Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY58021UMG MICREL-SY58021UMG Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021UMG MICREL-SY58021UMG Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
More results

Similar Description - SY58021U

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
SY58021U MICREL-SY58021U_07 Datasheet
142Kb / 9P
   4GHz, 1:4 LVPECL FANOUT BUFFER/ TRANSLATOR WITH INTERNAL TERMINATION
SY58021U MICREL-SY58021U_10 Datasheet
721Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge
SY58021U_1109 MICREL-SY58021U_1109 Datasheet
639Kb / 13P
   4GHz, 1:4 LVPECL Fanout Buffer/Translator with Internal Termination Precision Edge짰
SY89831U MICREL-SY89831U_10 Datasheet
851Kb / 11P
   UlTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U Datasheet
130Kb / 11P
   ULTRA-PRECISION 1:4 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL TERMINATION
SY89831U MICREL-SY89831U_14 Datasheet
758Kb / 14P
   Ultra-Precision 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U Datasheet
550Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY89854U MICREL-SY89854U_07 Datasheet
567Kb / 13P
   Precision Low Power 1:4 LVPECL Fanout Buffer/Translator with Internal Termination
SY58012U MICREL-SY58012U Datasheet
118Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
SY58012U MICREL-SY58012U_08 Datasheet
132Kb / 9P
   5GHz, 1:2 LVPECL FANOUT BUFFER/TRANSLATOR WITH INTERNAL INPUT TERMINATION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com