Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IKA03N120H2 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part # IKA03N120H2
Description  HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKA03N120H2 Datasheet(HTML) 8 Page - Infineon Technologies AG

Back Button IKA03N120H2 Datasheet HTML 4Page - Infineon Technologies AG IKA03N120H2 Datasheet HTML 5Page - Infineon Technologies AG IKA03N120H2 Datasheet HTML 6Page - Infineon Technologies AG IKA03N120H2 Datasheet HTML 7Page - Infineon Technologies AG IKA03N120H2 Datasheet HTML 8Page - Infineon Technologies AG IKA03N120H2 Datasheet HTML 9Page - Infineon Technologies AG IKA03N120H2 Datasheet HTML 10Page - Infineon Technologies AG IKA03N120H2 Datasheet HTML 11Page - Infineon Technologies AG IKA03N120H2 Datasheet HTML 12Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
IKA03N120H2
Power Semiconductors
8
Mar-04, Rev. 2
0A
2A
4A
0.0mJ
0.5mJ
1.0mJ
E
on
1
E
off
E
ts
1
0
50
100
150
200
250
0.2mJ
0.3mJ
0.4mJ
0.5mJ
0.6mJ
0.7mJ
E
on
1
E
ts
1
E
off
IC, COLLECTOR CURRENT
RG, GATE RESISTOR
Figure 13. Typical switching energy losses
as a function of collector current
(inductive load, Tj = 150
°C,
VCE = 800V, VGE = +15V/0V, RG = 82
Ω,
dynamic test circuit in Fig.E )
Figure 14. Typical switching energy losses
as a function of gate resistor
(inductive load, Tj = 150
°C,
VCE = 800V, VGE = +15V/0V, IC = 3A,
dynamic test circuit in Fig.E )
25°C
80°C
125°C
150°C
0.1mJ
0.2mJ
0.3mJ
0.4mJ
0.5mJ
E
ts
1
E
on
1
E
off
0V/us
1000V/us
2000V/us
3000V/us
0.00mJ
0.04mJ
0.08mJ
0.12mJ
0.16mJ
I
C=1A, TJ=150°C
I
C=1A, TJ=25°C
I
C=3A, TJ=150°C
I
C=3A, TJ=25°C
Tj, JUNCTION TEMPERATURE
dv/dt, VOLTAGE SLOPE
Figure 15. Typical switching energy losses
as a function of junction temperature
(inductive load, VCE = 800V,
VGE = +15V/0V, IC = 3A, RG = 82
Ω,
dynamic test circuit in Fig.E )
Figure 16. Typical turn off switching energy
loss for soft switching
(dynamic test circuit in Fig. E)
1) Eon and Ets include losses
due to diode recovery.
1) Eon and Ets include losses
due to diode recovery.
1) Eon and Ets include losses
due to diode recovery.


Similar Part No. - IKA03N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA06N60T INFINEON-IKA06N60T Datasheet
354Kb / 14P
   Low Loss DuoPack : IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IKA06N60T INFINEON-IKA06N60T Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA06N60T INFINEON-IKA06N60T_13 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKA08N65ET6 INFINEON-IKA08N65ET6 Datasheet
2Mb / 16P
   IGBT in trench and field-stop technology with soft, fast recovery anti-parallel Rapid diode
V2.2 2017-11-30
IKA08N65F5 INFINEON-IKA08N65F5 Datasheet
2Mb / 17P
   High speed 5 FAST IGBT in TRENCHSTOP 5 technology copacked with RAPID 1 fast and soft anti parallel diode
Rev.1.1,2012-11-09
More results

Similar Description - IKA03N120H2

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKP03N120H2 INFINEON-IKP03N120H2 Datasheet
431Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2, Mar-04
IKP03N120H2 INFINEON-IKP03N120H2_08 Datasheet
381Kb / 15P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.5 Sept. 08
IKB01N120H2 INFINEON-IKB01N120H2 Datasheet
385Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKP01N120H2 INFINEON-IKP01N120H2 Datasheet
387Kb / 14P
   HighSpeed 2-Technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.3 May 06
IKA10N60T INFINEON-IKA10N60T Datasheet
368Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Oct-04
IHW40T120 INFINEON-IHW40T120 Datasheet
354Kb / 14P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2 Mar-04
IKB15N60T INFINEON-IKB15N60T Datasheet
398Kb / 13P
   IGBT in Trench and Fieldstop technology with soft, fast recovery anti-parallel EmCon HE diode
Rev. 2.1 Dec-04
IKP20N60T INFINEON-IKP20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IHW15T120 INFINEON-IHW15T120 Datasheet
339Kb / 14P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.3 Sep 08
SKP10N60A INFINEON-SKP10N60A_08 Datasheet
368Kb / 14P
   Fast IGBT in NPT-technology with soft, fast recovery anti-parallel EmCon diode
Rev. 2.3 Sep 08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com