Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

COP8TAB9HLQ8 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8TAB9HLQ8
Description  8-Bit CMOS ROM Microcontroller with 2k or 4k Memory
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB9HLQ8 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button COP8TAB9HLQ8 Datasheet HTML 4Page - National Semiconductor (TI) COP8TAB9HLQ8 Datasheet HTML 5Page - National Semiconductor (TI) COP8TAB9HLQ8 Datasheet HTML 6Page - National Semiconductor (TI) COP8TAB9HLQ8 Datasheet HTML 7Page - National Semiconductor (TI) COP8TAB9HLQ8 Datasheet HTML 8Page - National Semiconductor (TI) COP8TAB9HLQ8 Datasheet HTML 9Page - National Semiconductor (TI) COP8TAB9HLQ8 Datasheet HTML 10Page - National Semiconductor (TI) COP8TAB9HLQ8 Datasheet HTML 11Page - National Semiconductor (TI) COP8TAB9HLQ8 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
7.0 Absolute Maximum Ratings (Note
1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
3.5V
Voltage at Any Pin
−0.3V to V
CC +0.3V
ESD Protection Level
(Human Body Model)
(Machine Model)
2kV
200V
Total Current into V
CC Pin (Source)
80 mA
Total Current out of GND Pin
(Sink)
60 mA
Storage Temperature Range
−65˚C to +140˚C
Note 1: Absolute maximum ratings indicate limits beyond which damage to
the device may occur. DC and AC electrical specifications are not ensured
when operating the device at absolute maximum ratings.
8.0 Electrical Characteristics
DC Electrical Characteristics −40˚C
≤ T
A ≤ +85˚C unless otherwise
specified.
Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis.
Parameter
Conditions
Min
Typ
Max
Units
Operating Voltage
2.25
2.75
V
Power Supply Rise Time from 0.0V
(On-Chip Power-On Reset Selected)
20 µs
10 ms
Power Supply Ripple (Note 3)
Peak-to-Peak
0.1 V
CC
V
Supply Current (Note 4)
CKI = 15 MHz
V
CC = 2.75V, tC = 0.65µs
6
mA
CKI = 5MHz
V
CC = 2.75V, tC = 2.0 µs
3.0
mA
HALT Current (Note 5) — WATCHDOG Disabled
V
CC = 2.75V, CKI = 0
MHz
T
A = +25˚C
<215
µA
T
A = +85˚C
300
µA
IDLE Current (Note 4)
CKI = 15 MHz
V
CC = 2.75V, tC = 0.65µs
1
mA
CKI = 5MHz
V
CC = 2.75V, tC = 2.0 µs
0.8
mA
Input Levels (V
IH,VIL)
Logic High
L0 (SDA), L1 (SCL) and L2
1.8V compatibility option
selected and
ACCESS.Bus is enabled
1.4
V
All Other Inputs
0.8 V
CC
V
Logic Low
0.25 V
CC
V
Value of the Internal Bias Resistor
0.3
1.0
2.5
M
for the Crystal/Resonator Oscillator
Hi-Z Input Leakage (same as TRI-STATE output)
V
CC = 2.75V
−0.1
+0.1
µA
Input Pullup Current
V
CC = 2.75V, VIN = 0V
−15
−120
µA
Port Input Hysteresis
0.1
V
Output Current Levels
Source (Weak Pull-Up)
V
CC = 2.25V, VOH = 1.7V
−10
−80
µA
Source (Push-Pull Mode)
V
CC = 2.25V, VOH = 1.7V
−10
mA
Sink (Push-Pull Mode)
V
CC = 2.25V, VOL = 0.4V
10
mA
Allowable Sink & Source Current per Pin
16
mA
Maximum Input Current without Latchup
±200
mA
RAM Retention Voltage, Vr
TBD
V
Input Capacitance
8.5
pF
www.national.com
8


Similar Part No. - COP8TAB9HLQ8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAB9HLQ8 NSC-COP8TAB9HLQ8 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
More results

Similar Description - COP8TAB9HLQ8

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
COP8TAB9 NSC-COP8TAB9 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
COP8TAB9_0504 NSC-COP8TAB9_0504 Datasheet
1Mb / 59P
   8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
COPCH942C NSC-COPCH942C Datasheet
368Kb / 26P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k
logo
ATMEL Corporation
AT89S2051 ATMEL-AT89S2051_08 Datasheet
1Mb / 46P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051_05 Datasheet
1,008Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
AT89S2051 ATMEL-AT89S2051 Datasheet
981Kb / 45P
   8-bit Microcontroller with 2K/4K Bytes Flash
logo
National Semiconductor ...
COP820CJ NSC-COP820CJ Datasheet
497Kb / 35P
   8-Bit CMOS ROM Based Microcontrollers with 1k or 2k Memory, Comparator and Brown Out Detector
logo
ATMEL Corporation
AT80F51 ATMEL-AT80F51 Datasheet
106Kb / 12P
   8-Bit Microcontroller with 4K Bytes QuickFlash Memory
logo
National Semiconductor ...
COP884BC NSC-COP884BC Datasheet
688Kb / 57P
   8-Bit CMOS ROM Based Microcontrollers with 2k Memory, Comparators, and CAN Interface
COP888CF NSC-COP888CF Datasheet
572Kb / 44P
   8-Bit CMOS ROM Based Microcontrollers with 4k Memory and A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com