Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62222L Datasheet(PDF) 2 Page - Mitsubishi Electric Semiconductor

Part # M62222L
Description  2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62222L Datasheet(HTML) 2 Page - Mitsubishi Electric Semiconductor

  M62222L Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62222L Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62222L Datasheet HTML 3Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MITSUBISHI <Dig./Ana. INTERFACE>
M62222L/FP
2.7V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
( 2 / 3 )
ABSOLUTE MAXIMUM RATINGS (Ta=25°C, unless otherwise noted)
Supply voltage
Output current
Symbol
Parameter
Conditions
Ratings
Unit
Vcc
Io
16
V
100
mA
Pd
Power dissipation
5-pin SIP
8-pin SOP
450
mW
mW
440
KTHETA
Thermal derating
5-pin SIP
8-pin SOP
4.5
mW/ °C
4.4
mW/ °C
Topr
Tstg
Operating temperature
Storage temperature
-20 - +85
-40 - +125
°C
°C
Ta=25°C
Ta>25°C
ELECTRICAL CHARACTERISTICS (Ta=25°C, Vcc=5V, unless otherwise noted)
Block
Symbol
Parameter
Test conditions
Unit
Limits
Min.
Typ.
Max.
Vcc
Supply voltage
Icc
Supply current
4.0
15
V
µA
Vo
Vreg-L
Output voltage
REF line regulation
Iin
IN input current
V
mV
µA
2.70
2.57
2.83
5
15
100
fosc
Oscillator frequency
110
kHz
VTHCLM
Current limit voltage
150
mV
Output leakage current
ICL
Output saturation voltage
Vsat
-1
1
0.4
0.7
Vcc - CLM
µA
V
Maximum on duty
TDUTY
90
%
900
Whthout load
300
65
155
120
180
Vcc= 4 to 12V
Vcc = 12V, Vc = 12V
Error
Amp.
Oscillator
CLM
Output
Io = 100mA
660
April 1996
All
block


Similar Part No. - M62222L

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62222L RENESAS-M62222L Datasheet
167Kb / 6P
   2.7 V Fixed Output Voltage DC/DC Converter
More results

Similar Description - M62222L

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M62221L MITSUBISHI-M62221L Datasheet
25Kb / 3P
   3.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62220L MITSUBISHI-M62220L Datasheet
25Kb / 3P
   3.3V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
M62290L MITSUBISHI-M62290L Datasheet
56Kb / 7P
   5.0V FIXED OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62222L RENESAS-M62222L Datasheet
167Kb / 6P
   2.7 V Fixed Output Voltage DC/DC Converter
M62290L RENESAS-M62290L_07 Datasheet
141Kb / 11P
   5.0 V Fixed Output Voltage DC/DC Converter
M62221L RENESAS-M62221L Datasheet
167Kb / 6P
   3.0 V Fixed Output Voltage DC/DC Converter
M62220L RENESAS-M62220L Datasheet
114Kb / 7P
   3.3 V Fixed Output Voltage DC/DC Converter
logo
Mitsubishi Electric Sem...
M62294FP MITSUBISHI-M62294FP Datasheet
49Kb / 4P
   3.3V, 2.0V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
M62292FP MITSUBISHI-M62292FP Datasheet
31Kb / 4P
   3.3V, 1.8V FIXED 2-OUTPUT VOLTAGE DC-DC CONVERTER
logo
Renesas Technology Corp
M62292FP RENESAS-M62292FP_07 Datasheet
115Kb / 7P
   3.3 V, 1.8 V Fixed 2-Output Voltage DC/DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com