Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN54-74LS168 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. SN54-74LS168
Description  BCD DECADE/MODULO 16 BINARY SYNCHRONOUS BI-DIRECTIONAL COUNTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SN54-74LS168 Datasheet(HTML) 4 Page - ON Semiconductor

  SN54-74LS168 Datasheet HTML 1Page - ON Semiconductor SN54-74LS168 Datasheet HTML 2Page - ON Semiconductor SN54-74LS168 Datasheet HTML 3Page - ON Semiconductor SN54-74LS168 Datasheet HTML 4Page - ON Semiconductor SN54-74LS168 Datasheet HTML 5Page - ON Semiconductor SN54-74LS168 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
5-4
FAST AND LS TTL DATA
SN54/74LS168
• SN54/74LS169
DC CHARACTERISTICS OVER OPERATING TEMPERATURE RANGE (unless otherwise specified)
Sb l
P
Limits
Ui
T
C
di i
Symbol
Parameter
Min
Typ
Max
Unit
Test Conditions
VIH
Input HIGH Voltage
2.0
V
Guaranteed Input HIGH Voltage for
All Inputs
VIL
Input LOW Voltage
54
0.7
V
Guaranteed Input LOW Voltage for
VIL
Input LOW Voltage
74
0.8
V
pg
All Inputs
VIK
Input Clamp Diode Voltage
– 0.65
– 1.5
V
VCC = MIN, IIN = – 18 mA
VOH
Output HIGH Voltage
54
2.5
3.5
V
VCC = MIN, IOH = MAX, VIN = VIH
VOH
Output HIGH Voltage
74
2.7
3.5
V
CC
, OH
,
IN
IH
or VIL per Truth Table
VOL
Output LOW Voltage
54, 74
0.25
0.4
V
IOL = 4.0 mA
VCC = VCC MIN,
VIN =VIL or VIH
VOL
Output LOW Voltage
74
0.35
0.5
V
IOL = 8.0 mA
VIN = VIL or VIH
per Truth Table
IIH
Input HIGH Current
Other Inputs
CET Input
20
40
µA
VCC = MAX, VIN = 2.7 V
IIH
Other Input
CET Input
0.1
0.2
mA
VCC = MAX, VIN = 7.0 V
IIL
Input LOW Current
Other Input
CET Input
– 0.4
– 0.8
mA
VCC = MAX, VIN = 0.4 V
IOS
Short Circuit Current (Note 1)
–20
– 100
mA
VCC = MAX
ICC
Power Supply Current
34
mA
VCC = MAX
Note 1: Not more than one output should be shorted at one time, nor for more than 1 second.
FUNCTIONAL DESCRIPTION
The SN54/74LS168 and SN54/74LS169 use edge-
triggered D-type flip-flops that have no constraints on
changing the control or data input signals in either state of the
Clock. The only requirement is that the various inputs attain
the desired state at least a set-up time before the rising edge of
the clock and remain valid for the recommended hold time
thereafter.
The parallel load operation takes precedence over the other
operations, as indicated in the Mode Select Table. When PE is
LOW, the data on the P0–P3 inputs enters the flip-flops on the
next rising edge of the Clock. In order for counting to occur,
both CEP and CET must be LOW and PE must be HIGH. The
U/D input then determines the direction of counting.
The Terminal Count (TC) output is normally HIGH and goes
LOW, provided that CET is LOW, when a counter reaches zero
in the COUNT DOWN mode or reaches 15 (9 for the
SN54/74LS168) in the COUNT UP mode. The TC output state
is not a function of the Count Enable Parallel (CEP) input level.
The TC output of the SN54/74LS168 decade counter can also
be LOW in the illegal states 11, 13 and 15, which can occur
when power is turned on or via parallel loading. If illegal state
occurs, the SN54/74LS168 will return to the legitimate
sequence within two counts. Since the TC signal is derived by
decoding the flip-flop states, there exists the possibility of
decoding spikes on TC. For this reason the use of TC as a
clock signal is not recommended.
MODE SELECT TABLE
PE
CEP
CET
U/D
Action on Rising Clock Edge
L
X
X
X
Load (Pn
→ Qn)
H
L
L
H
Count Up (increment)
H
L
L
L
Count Down (decrement)
H
H
X
X
No Change (Hold)
H
X
H
X
No Change (Hold)
H = HIGH Voltage Level
L = LOW Voltage Level
X = Immaterial


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn