Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KBPC1510L Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. KBPC1510L
Description  IN - LINE SINGLE - PHASE SILICON BRIDGE RECTIFIER VOLTAGE - 50 TO 1000 VOLTS CURRENT - 15.0 AMPERES
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

KBPC1510L Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC15005L THRU KBPC1510L
IN - LINE SINGLE - PHASE SILICON BRIDGE RECTIFIER
VOLTAGE - 50 TO 1000 VOLTS
CURRENT - 15.0 AMPERES
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Surge overload rating - 300 amperes peak
Integrally molded heat-sink provide very low thermal
resistance for maximum heat dissipation.
Universal 3 way terminals: snap-on, wire wrap-around,
or P.C. board mounting.
Plastic package used has Underwriters Laboratory
Flammability Classification 94V-0
High temperature soldering guaranteed:
O
260 C/10 seconds at 5lbs. (2.3kg) tension
Case: Molded plastic with heatsink integrally mounted
in the bridge encapsulation
Terminals: wire lead
50 mils.
Weight: 0.65 ounce, 18 grams
O
Ratings at 25 C ambient temperature unless otherwise specified
Sing phase half-wave 60HZ resistive or inductive load
For capacitive load, derate current by 20%
,
SYMBOL
Maximum DC Blocking Voltage
Maximum RMS Voltage
Maximum Repetitive Peak Reverse Voltage
Volts
Volts
Volts
UNITS
VDC
VRMS
VRRM
50
35
50
KBPC
15005L
100
70
100
KBPC
1501L
200
140
200
KBPC
1502L
400
280
400
KBPC
1504L
600
420
600
KBPC
1506L
800
560
800
KBPC
1508L
1000
700
1000
KBPC
1510L
Operating and Storage Temperature Range
Typical Thermal Resistance (NOTE 2)
Typical Junction Capacitance (NOTE 1)
2
I t
Rating for fusing (t < 8.3ms)
O
Maximum DC Reverse Current
TA = 25 C
O
at Rated DC Blocking Voltage
TA = 125 C
Maximum Instantaneous Forward Voltage
Drop Per Bridge Element at 7.5A
Peak Forward Surge Current 8.3ms Single
Half Sine-Wave Superimposed on Rated Load
Maximum Average Forward
O
TA = 55 C
Rectified Current
A
Volts
Amps
Amps
IR
IFSM
VF
I(AV)
10
500
1.2
300
15.0
TJ, TSTG
R JC
CJ
oC
oC/W
pF
-55 to + 150
6.3
300
2
As
375
NOTES:
1.
2. Thermal resistance from junction to case per bridge element
3.
Measured at 1.0MHz and applied reverse voltage of 4.0 volts
Bolt down on heatsink with silicon thermal compound between bridge and mounting surface
for maximum heat transfer efficiency with #10 screw
J
H
G
E
D
C
B
A
Dim
epoxy case
Metal heat sink
3.05
1.02
10.97
5.10
13.97
19.05
28.45
Min
Max
28.70
11.23
3.60
KBPC-L
All Dimensions in mm
AC
J
H
G
D
A
B
C
E
RS


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn