Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GJ221B Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

Part # GJ221B
Description  Chip Monolithic Ceramic Capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

GJ221B Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

  GJ221B Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. GJ221B Datasheet HTML 2Page - Murata Manufacturing Co., Ltd. GJ221B Datasheet HTML 3Page - Murata Manufacturing Co., Ltd. GJ221B Datasheet HTML 4Page - Murata Manufacturing Co., Ltd. GJ221B Datasheet HTML 5Page - Murata Manufacturing Co., Ltd. GJ221B Datasheet HTML 6Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Please read CAUTION and Notice in this catalog for safety. This catalog has only typical specifications. Therefore you are requested
to approve our product specification or to transact the approval sheet for product specification, before your ordering.
C02E8.pdf 01.7.26
Specifications and Test Methods
No.
Item
Specification
Test Method
Continued from the preceding page.
No marked defect.
High Temperature
Load
18
The voltage treatment shall be given to the capacitor, in which
a DC voltage of 200%* the rated voltage is applied for one hour
at the maximum operating temperature ±3°C then it shall be set
for 48±4 hours at room temperature and the measurement shall
be conducted. Then apply the above mentioned voltage contin-
uously for 1000±12 hours at the same temperature, remove it
from the bath, and set it for 48±4 hours at room temperature,
then measure. The charge/discharge current is less than
50mA.
*150% for C>10µF
Item
Appearance
Capacitance Change
I. R.
D.F.
Dielectric Strength
No marked defect
Within
T30%
More than 1,000M
Ω or 50Ω · F
(Whichever is smaller)
50, 100V
10, 16, 25V
6.3V
0.1 max.
0.125 max.
0.2 max.
No failure
Specification
Specifications and Test Methods
33
6


Similar Part No. - GJ221B

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GJ20N03 GTM-GJ20N03 Datasheet
241Kb / 5P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ20P02 GTM-GJ20P02 Datasheet
247Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ20T03 GTM-GJ20T03 Datasheet
249Kb / 4P
   N-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ2137 GTM-GJ2137 Datasheet
398Kb / 5P
   750mA LOW DROPOUT VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GJ2137 ETL-GJ2137 Datasheet
403Kb / 5P
   7 5 0 m A C M O S L o w D r o p o u t Vo l t a g e R e g u l a t o r
More results

Similar Description - GJ221B

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
GRM155 MURATA-GRM155 Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GCJ188R72A223KA01D MURATA-GCJ188R72A223KA01D Datasheet
29Kb / 2P
   Chip Monolithic Ceramic Capacitors
GRM188R71C104KA01J MURATA-GRM188R71C104KA01J Datasheet
42Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM31B7U3A471JW31L MURATA-GRM31B7U3A471JW31L Datasheet
18Kb / 1P
   Chip Monolithic Ceramic Capacitors
GRM31C5C1H104FA01L MURATA-GRM31C5C1H104FA01L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
GRM32DR72J473KW01L MURATA-GRM32DR72J473KW01L Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GRM216R71H222KA01D MURATA-GRM216R71H222KA01D Datasheet
43Kb / 4P
   Chip Monolithic Ceramic Capacitors
GRM1885C1H6R8DZ01D MURATA-GRM1885C1H6R8DZ01D Datasheet
204Kb / 13P
   Chip Monolithic Ceramic Capacitors
GJM1555C1H9R0CB01D MURATA-GJM1555C1H9R0CB01D Datasheet
3Mb / 182P
   Chip Monolithic Ceramic Capacitors
GR442QR7LB102KW01L MURATA-GR442QR7LB102KW01L Datasheet
4Mb / 237P
   chip monolithic ceramic capacitors
GRM31CR72A104KW03L MURATA-GRM31CR72A104KW03L Datasheet
4Mb / 237P
   Chip Monolithic Ceramic Capacitors
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com