Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCC132 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MCC132
Description  Thyristor Modules Thyristor/Diode Modules
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MCC132 Datasheet(HTML) 3 Page - IXYS Corporation

  MCC132 Datasheet HTML 1Page - IXYS Corporation MCC132 Datasheet HTML 2Page - IXYS Corporation MCC132 Datasheet HTML 3Page - IXYS Corporation MCC132 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
© 2000 IXYS All rights reserved
3 - 4
Fig. 4 i2t versus time (1-10 ms)
Fig. 4a Maximum forward current
at case temperature
Fig. 5
Power dissipation versus on-
state current and ambient
temperature (per thyristor or
diode)
Fig. 6 Three phase rectifier bridge:
Power dissipation versus direct
output current and ambient
temperature
MCC 132
MCD 132
Fig. 3 Surge overload current
I
TSM, IFSM: Crest value, t: duration
s
t
ms
t
0.001
0.01
0.1
1
0
1000
2000
3000
4000
110
104
105
106
A2s
I
TSM
A
i2t
T
VJ = 45°C
T
VJ = 125°C
80 % V
RRM
T
VJ = 45°C
50 Hz
T
VJ = 125°C


Similar Part No. - MCC132

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC132-08IO1 IXYS-MCC132-08IO1 Datasheet
212Kb / 6P
   Thyristor Module
MCC132-12IO1 IXYS-MCC132-12IO1 Datasheet
212Kb / 6P
   Thyristor Module
MCC132-14IO1 IXYS-MCC132-14IO1 Datasheet
212Kb / 6P
   Phase leg
MCC132-16IO1 IXYS-MCC132-16IO1 Datasheet
212Kb / 6P
   Phase leg
MCC132-18IO1 IXYS-MCC132-18IO1 Datasheet
212Kb / 6P
   Phase leg
More results

Similar Description - MCC132

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MCC170 IXYS-MCC170 Datasheet
81Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC225 IXYS-MCC225 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC26 IXYS-MCC26 Datasheet
165Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
logo
List of Unclassifed Man...
STD200 ETC2-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Semiconduct...
STD320 SIRECTIFIER-STD320 Datasheet
337Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
STD200 SIRECTIFIER-STD200 Datasheet
276Kb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
Sirectifier Global Corp...
SDT70 SIRECT-SDT70 Datasheet
1Mb / 4P
   Thyristor-Diode Modules, Diode-Thyristor Modules
logo
IXYS Corporation
MCC224 IXYS-MCC224 Datasheet
99Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC56 IXYS-MCC56 Datasheet
178Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
MCC44 IXYS-MCC44 Datasheet
160Kb / 4P
   Thyristor Modules Thyristor/Diode Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com