Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSKN-2020 Datasheet(PDF) 3 Page - TDK Electronics

Part # RSKN-2020
Description  Wide band, high attenuation from low frequency to high frequency
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RSKN-2020 Datasheet(HTML) 3 Page - TDK Electronics

  RSKN-2020 Datasheet HTML 1Page - TDK Electronics RSKN-2020 Datasheet HTML 2Page - TDK Electronics RSKN-2020 Datasheet HTML 3Page - TDK Electronics RSKN-2020 Datasheet HTML 4Page - TDK Electronics RSKN-2020 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
f_3
RSKN
RSKN
All specifications are subject to change without notice.
EMC
filter
■ MECHANICAL
RSKN-2006/2010
(MOUNTING HOLES)
LABEL
1
2
4
3
FG
FG
Part No.
A
B
C
D
RSKN-2006
107
75
90
26
RSKN-2010
117
85
100
30
RSKN-2020
(MOUNTING HOLES)
LABEL
1
2
4
3
FG
FG
RSKN-2030
(MOUNTING HOLES)
LABEL
1
2
4
3
FG
FG
※ Unit : mm
※ Recommended clamping torque : 1.27N・m
※ Case and Base plate : Metal (Surface treatment : Nickel plating)
=
t 0.6mm(6,10A) / 0.8mm(20,30A)


Similar Part No. - RSKN-2020

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
RSK ALPS-RSK Datasheet
919Kb / 7P
   Minimum lever wobble and high precision characteristics combined with good operational feel
logo
Recom International Pow...
RSK-2405SRUW/H3 RECOM-RSK-2405SRUW/H3 Datasheet
1Mb / 4P
   2 Watt SIP8 Single Output
REV.: 0/2023
RSK-RUW RECOM-RSK-RUW Datasheet
1Mb / 4P
   2 Watt SIP8 Single Output
REV.: 0/2023
logo
Vishay Siliconix
RSK22N VISHAY-RSK22N Datasheet
85Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
RSK22N100KB VISHAY-RSK22N100KB Datasheet
85Kb / 3P
   Single Value Chip Resistor
Revision: 06-Oct-08
More results

Similar Description - RSKN-2020

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5205A PHILIPS-NE5205A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 24
NE5204A PHILIPS-NE5204A Datasheet
190Kb / 14P
   Wide-band high-frequency amplifier
1992 Feb 25
SA5204A PHILIPS-SA5204A Datasheet
116Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
SA5205A PHILIPS-SA5205A Datasheet
114Kb / 13P
   Wide-band high-frequency amplifier
1997 Nov 07
logo
Toshiba Semiconductor
2SC1199 TOSHIBA-2SC1199 Datasheet
65Kb / 2P
   HIGH FREQUENCY WIDE BAND AMPLIFIER APPLICATIONS.
logo
Sanyo Semicon Device
2SA1575 SANYO-2SA1575 Datasheet
45Kb / 2P
   High-Frequency Amp, Wide-Band Amp Applications
logo
Mini-Circuits
MCA1-12G MINI-MCA1-12G Datasheet
169Kb / 2P
   Frequency Mixer WIDE BAND
MCA1-85L MINI-MCA1-85L Datasheet
147Kb / 2P
   Frequency Mixer WIDE BAND
ZX05-153MH MINI-ZX05-153MH Datasheet
336Kb / 2P
   Frequency Mixer wide band
SIM-762H MINI-SIM-762H Datasheet
337Kb / 2P
   Frequency Mixer wide band
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com