Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RSKN-2006 Datasheet(PDF) 3 Page - TDK Electronics

Part No. RSKN-2006
Description  Wide band, high attenuation from low frequency to high frequency
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RSKN-2006 Datasheet(HTML) 3 Page - TDK Electronics

  RSKN-2006 Datasheet HTML 1Page - TDK Electronics RSKN-2006 Datasheet HTML 2Page - TDK Electronics RSKN-2006 Datasheet HTML 3Page - TDK Electronics RSKN-2006 Datasheet HTML 4Page - TDK Electronics RSKN-2006 Datasheet HTML 5Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
f_3
RSKN
RSKN
All specifications are subject to change without notice.
EMC
filter
■ MECHANICAL
RSKN-2006/2010
(MOUNTING HOLES)
LABEL
1
2
4
3
FG
FG
Part No.
A
B
C
D
RSKN-2006
107
75
90
26
RSKN-2010
117
85
100
30
RSKN-2020
(MOUNTING HOLES)
LABEL
1
2
4
3
FG
FG
RSKN-2030
(MOUNTING HOLES)
LABEL
1
2
4
3
FG
FG
※ Unit : mm
※ Recommended clamping torque : 1.27N・m
※ Case and Base plate : Metal (Surface treatment : Nickel plating)
=
t 0.6mm(6,10A) / 0.8mm(20,30A)


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn