Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703214YGCA1-XXX-8EU Datasheet(PDF) 76 Page - NEC

Part # UPD703214YGCA1-XXX-8EU
Description  32-Bit Single-Chip Microcontrollers
Download  861 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703214YGCA1-XXX-8EU Datasheet(HTML) 76 Page - NEC

Back Button UPD703214YGCA1-XXX-8EU Datasheet HTML 72Page - NEC UPD703214YGCA1-XXX-8EU Datasheet HTML 73Page - NEC UPD703214YGCA1-XXX-8EU Datasheet HTML 74Page - NEC UPD703214YGCA1-XXX-8EU Datasheet HTML 75Page - NEC UPD703214YGCA1-XXX-8EU Datasheet HTML 76Page - NEC UPD703214YGCA1-XXX-8EU Datasheet HTML 77Page - NEC UPD703214YGCA1-XXX-8EU Datasheet HTML 78Page - NEC UPD703214YGCA1-XXX-8EU Datasheet HTML 79Page - NEC UPD703214YGCA1-XXX-8EU Datasheet HTML 80Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 861 page
background image
CHAPTER 3 CPU FUNCTIONS
User’s Manual U16890EJ1V0UD
76
3.4.6 Peripheral I/O registers
(1/10)
Operable Bit Unit
Address
Function Register Name
Symbol
R/W
1
8
16
After Reset
FFFFF004H
Port DL register
PDL
R/W
0000H
Note 1
FFFFF004H
Port DL register L
PDLL
R/W
00H
Note 1
FFFFF005H
Port DL register H
PDLH
R/W
00H
Note 1
FFFFF006H
Port DH register
PDH
R/W
00H
Note 1
FFFFF008H
Port CS register
PCS
R/W
00H
Note 1
FFFFF00AH
Port CT register
PCT
R/W
00H
Note 1
FFFFF00CH
Port CM register
PCM
R/W
00H
Note 1
FFFFF024H
Port DL mode register
PMDL
R/W
FFFFH
FFFFF024H
Port DL mode register L
PMDLL
R/W
FFH
FFFFF025H
Port DL mode register H
PMDLH
R/W
FFH
FFFFF026H
Port DH mode register
PMDH
R/W
FFH
FFFFF028H
Port CS mode register
PMCS
R/W
FFH
FFFFF02AH
Port CT mode register
PMCT
R/W
FFH
FFFFF02CH
Port CM mode register
PMCM
R/W
FFH
FFFFF044H
Port DL mode control register
PMCDL
R/W
0000H
FFFFF044H
Port DL mode control register L
PMCDLL
R/W
00H
FFFFF045H
Port DL mode control register H
PMCDLH
R/W
00H
FFFFF046H
Port DH mode control register
PMCDH
R/W
00H
FFFFF048H
Port CS mode control register
PMCCS
R/W
00H
FFFFF04AH
Port CT mode control register
PMCCT
R/W
00H
FFFFF04CH
Port CM mode control register
PMCCM
R/W
00H
FFFFF066H
Bus size configuration register
BSC
R/W
5555H
FFFFF06EH
System wait control register
VSWC
R/W
77H
FFFFF100H
Interrupt mask register 0
IMR0
R/W
FFFFH
FFFFF100H
Interrupt mask register 0L
IMR0L
R/W
FFH
FFFFF101H
Interrupt mask register 0H
IMR0H
R/W
FFH
FFFFF102H
Interrupt mask register 1
IMR1
R/W
FFFFH
FFFFF102H
Interrupt mask register 1L
IMR1L
R/W
FFH
FFFFF103H
Interrupt mask register 1H
IMR1H
R/W
FFH
FFFFF104H
Interrupt mask register 2
IMR2
R/W
FFFFH
FFFFF104H
Interrupt mask register 2L
IMR2L
R/W
FFH
FFFFF106H
Interrupt mask register 3
IMR3
Note 2
R/W
FFFFH
FFFFF106H
Interrupt mask register 3L
IMR3L
Note 2
R/W
FFH
FFFFF110H
Interrupt control register
WDT1IC
R/W
47H
FFFFF112H
Interrupt control register
PIC0
R/W
47H
FFFFF114H
Interrupt control register
PIC1
R/W
47H
FFFFF116H
Interrupt control register
PIC2
R/W
47H
FFFFF118H
Interrupt control register
PIC3
R/W
47H
FFFFF11AH
Interrupt control register
PIC4
R/W
47H
FFFFF11CH
Interrupt control register
PIC5
R/W
47H
FFFFF11EH
Interrupt control register
PIC6
R/W
47H
Notes 1. The output latch is 00H or 0000H. When input, the pin status is read.
2. Only in the
µPD703215, 703215Y, 70F3215H, 70F3215HY


Similar Part No. - UPD703214YGCA1-XXX-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703214YGCA-XXX-8EU NEC-UPD703214YGCA-XXX-8EU Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD703214YGCA1-XXX-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com