Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703214GCA1-XXX-8EU Datasheet(PDF) 60 Page - NEC

Part # UPD703214GCA1-XXX-8EU
Description  32-Bit Single-Chip Microcontrollers
Download  861 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703214GCA1-XXX-8EU Datasheet(HTML) 60 Page - NEC

Back Button UPD703214GCA1-XXX-8EU Datasheet HTML 56Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 57Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 58Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 59Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 60Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 61Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 62Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 63Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 64Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 861 page
background image
CHAPTER 3 CPU FUNCTIONS
User’s Manual U16890EJ1V0UD
60
(4) Program status word (PSW)
The program status word (PSW) is a collection of flags that indicate the program status (instruction execution
result) and the CPU status.
When the contents of this register are changed using the LDSR instruction, the new contents become valid
immediately following completion of LDSR instruction execution. Interrupt request acknowledgment is held
pending while a write to the PSW is being executed by the LDSR instruction.
Bits 31 to 8 are reserved (fixed to 0) for future function expansion.
(1/2)
31
0
PSW
RFU
After reset
00000020H
87
NP
6
EP
5
ID
4
SAT
3
CY
2
OV
1
SZ
Bit position
Flag name
Description
31 to 8
RFU
Reserved field. Fixed to 0.
7
NP
Indicates that non-maskable interrupt (NMI) servicing is in progress. This flag is set to 1 when
an NMI request is acknowledged, and disables multiple interrupts.
0: NMI servicing not in progress
1: NMI servicing in progress
6
EP
Indicates that exception processing is in progress. This flag is set to 1 when an exception
occurs. Moreover, interrupt requests can be acknowledged even when this bit is set.
0: Exception processing not in progress
1: Exception processing in progress
5
ID
Indicates whether maskable interrupt request acknowledgment is enabled.
0: Interrupt enabled
1: Interrupt disabled
4
SAT
Note
Indicates that the result of executing a saturated operation instruction has overflowed and that
the calculation result is saturated. Since this is a cumulative flag, it is set to 1 when the result of
a saturated operation instruction becomes saturated, and it is not cleared to 0 even if the
operation results of successive instructions do not become saturated. This flag is neither set nor
cleared when arithmetic operation instructions are executed.
0: Not saturated
1: Saturated
3
CY
Indicates whether carry or borrow occurred as the result of an operation.
0: No carry or borrow occurred
1: Carry or borrow occurred
2
OV
Note
Indicates whether overflow occurred during an operation.
0: No overflow occurred
1: Overflow occurred.
1
S
Note
Indicates whether the result of an operation is negative.
0: Operation result is positive or 0.
1: Operation result is negative.
0
Z
Indicates whether operation result is 0.
0: Operation result is not 0.
1: Operation result is 0.
Remark
Note is explained on the following page.


Similar Part No. - UPD703214GCA1-XXX-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703214GCA-XXX-8EU NEC-UPD703214GCA-XXX-8EU Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD703214GCA1-XXX-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com