Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD703214GCA1-XXX-8EU Datasheet(PDF) 39 Page - NEC

Part # UPD703214GCA1-XXX-8EU
Description  32-Bit Single-Chip Microcontrollers
Download  861 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD703214GCA1-XXX-8EU Datasheet(HTML) 39 Page - NEC

Back Button UPD703214GCA1-XXX-8EU Datasheet HTML 35Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 36Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 37Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 38Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 39Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 40Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 41Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 42Page - NEC UPD703214GCA1-XXX-8EU Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 861 page
background image
CHAPTER 1 INTRODUCTION
User’s Manual U16890EJ1V0UD
39
(o) Real-time output function
This function transfers 6-bit data set beforehand to output latches upon occurrence of a timer compare
register match signal.
A 1-channel 6-bit data real-time output function is provided on chip.
(p) Ports
As shown below, the following ports have general-purpose port functions and control pin functions.
Port
I/O
Alternate Function
P0
7-bit I/O
NMI, external interrupt, timer output
P1
2-bit I/O
D/A converter analog output
P3
10-bit I/O
Serial interface, timer I/O
P4
3-bit I/O
Serial interface
P5
6-bit I/O
Serial interface, timer I/O, key interrupt function, real-time output function
P7
8-bit input
A/D converter analog input
P9
16-bit I/O
External address bus, serial interface, timer I/O, external interrupt, key interrupt function
PCM
4-bit I/O
External bus control signal
PCS
2-bit I/O
Chip select output
PCT
4-bit I/O
External bus control signal
PDH
6-bit I/O
External address bus
PDL
16-bit I/O
External address/data bus
1.7 Overview of Functions
(1/2)
Part Number
µPD703212/
µPD703212Y
µPD703213/
µPD703213Y
µPD703214/
µPD703214Y
µPD70F3214/
µPD70F3214Y
µPD70F3214H/
µPD70F3214HY
µPD703215/
µPD703215Y
µPD70F3215H/
µPD70F3215HY
ROM
64 KB
96 KB
128 KB
128 KB
(two-power
flash memory)
128 KB
(single-power
flash memory)
256 KB
256 KB
(single-power
flash memory)
Internal
memory
High-speed RAM
4 KB
6 KB
16 KB
Buffer RAM
64 bytes
Logical space
64 MB
Memory
space
External memory
area
3 MB
External bus interface
Address bus: 22 bits
Data bus: 8/16 bits
Multiplex bus mode/separate bus mode
General-purpose registers
32 bits
× 32 registers


Similar Part No. - UPD703214GCA1-XXX-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD703214GCA-XXX-8EU NEC-UPD703214GCA-XXX-8EU Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD703214GCA1-XXX-8EU

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com