Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3526 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SG3526
Description  PULSE WIDTH MODULATION CONTROL CIRCUIT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SG3526 Datasheet(HTML) 2 Page - ON Semiconductor

  SG3526 Datasheet HTML 1Page - ON Semiconductor SG3526 Datasheet HTML 2Page - ON Semiconductor SG3526 Datasheet HTML 3Page - ON Semiconductor SG3526 Datasheet HTML 4Page - ON Semiconductor SG3526 Datasheet HTML 5Page - ON Semiconductor SG3526 Datasheet HTML 6Page - ON Semiconductor SG3526 Datasheet HTML 7Page - ON Semiconductor SG3526 Datasheet HTML 8Page - ON Semiconductor SG3526 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SG3526
2
MOTOROLA ANALOG IC DEVICE DATA
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Supply Voltage
VCC
+40
Vdc
Collector Supply Voltage
VC
+40
Vdc
Logic Inputs
–0.3 to +5.5
V
Analog Inputs
–0.3 to VCC
V
Output Current, Source or Sink
IO
±200
mA
Reference Load Current (VCC = 40 V, Note 2)
Iref
50
mA
Logic Sink Current
15
mA
Power Dissipation
TA = +25°C (Note 3)
TC = +25°C (Note 4)
PD
1000
3000
mW
Thermal Resistance Junction–to–Air
R
θJA
100
°C/W
Thermal Resistance Junction–to–Case
R
θJC
42
°C/W
Operating Junction Temperature
TJ
+150
°C
Storage Temperature Range
Tstg
–65 to +150
°C
Lead Temperature (Soldering, 10 Seconds)
TSolder
±300
°C
NOTES: 1. Values beyond which damage may occur.
2. Maximum junction temperature must be observed.
3. Derate at 10 mW/
°C for ambient temperatures above +50°C.
4. Derate at 24 mW/
°C for case temperatures above +25°C.
RECOMMENDED OPERATING CONDITIONS
Characteristics
Symbol
Min
Max
Unit
Supply Voltage
VCC
8.0
35
Vdc
Collector Supply Voltage
VC
4.5
35
Vdc
Output Sink/Source Current (Each Output)
IO
0
±100
mA
Reference Load Current
Iref
0
20
mA
Oscillator Frequency Range
fosc
0.001
400
kHz
Oscillator Timing Resistor
RT
2.0
150
k
Oscillator Timing Capacitor
CT
0.001
20
µF
Available Deadtime Range (40 kHz)
3.0
50
%
Operating Junction Temperature Range
TJ
0
+125
°C


Similar Part No. - SG3526

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Microsemi Corporation
SG3526 MICROSEMI-SG3526 Datasheet
182Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
logo
ON Semiconductor
SG3526 ONSEMI-SG3526 Datasheet
267Kb / 9P
   Pulse Width Modulation Control Circuit
July, 2006 ??Rev. 4
logo
Microsemi Corporation
SG3526 MICROSEMI-SG3526 Datasheet
283Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
SG3526B MICROSEMI-SG3526B Datasheet
209Kb / 9P
   REGULATING PULSE WIDTH MODULATOR
More results

Similar Description - SG3526

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL594 TI-TL594_07 Datasheet
642Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 TI-TL594_10 Datasheet
641Kb / 19P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
E-Tech Electronics LTD
TL594 ETL-TL594 Datasheet
346Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
Motorola, Inc
SG3526 MOTOROLA-SG3526 Datasheet
172Kb / 10P
   PULSE WIDTH MODULATION CONTROL CIRCUIT
logo
Texas Instruments
TL5002 TI-TL5002 Datasheet
233Kb / 14P
[Old version datasheet]   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
logo
KODENSHI_AUK CORP.
KK494A KODENSHI-KK494A Datasheet
464Kb / 5P
   Pulse-Width-Modulation Control Circuit
logo
Unisonic Technologies
TL594 UTC-TL594_09 Datasheet
335Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594 Datasheet
281Kb / 8P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL594 UTC-TL594_15 Datasheet
380Kb / 9P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
TL5001 UTC-TL5001_15 Datasheet
323Kb / 13P
   PULSE-WIDTH-MODULATION CONTROL CIRCUIT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com