Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N249 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 3N249
Description  Glass Passivated Single-Phase Bridge Rectifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

3N249 Datasheet(HTML) 2 Page - Vishay Siliconix

  3N249 Datasheet HTML 1Page - Vishay Siliconix 3N249 Datasheet HTML 2Page - Vishay Siliconix 3N249 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
2
Document Number 88531
03-Dec-04
KBP005M thru KBP10M, 3N246 thru 3N252
Vishay Semiconductors
Electrical Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Thermal Characteristics
Ratings at 25 °C ambient temperature unless otherwise specified.
Notes:
(1) Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B. with, 0.47 x 0.47" (12 x12 mm) copper pads.
* JEDEC registered values
Ratings and Characteristics Curves
(TA = 25 °C unless otherwise noted)
Parameter
Test condition
Symbol
KBP
005M
KBP
01M
KBP
02M
KBP
04M
KBP
06M
KBP
08M
KBP
10M
Unit
3N246
3N247
3N248
3N249
3N250
3N251
3N252
* Maximum instantaneous
forward voltage drop per leg
at 1.0 A
at 1.57 A
VF
1.0
1.3
V
* Maximum DC reverse
current at rated DC blocking
voltage per leg
TA = 25 °C
TA = 125 °C
IR
5.0
500
µA
Typical junction capacitance
per leg
at 4.0 V, 1 MHz
CJ
15
pF
Parameter
Symbol
KBP
005M
KBP
01M
KBP
02M
KBP
04M
KBP
06M
KBP
08M
KBP
10M
Unit
3N246
3N247
3N248
3N249
3N250
3N251
3N252
Typical thermal resistance per leg(1)
RθJA
RθJL
40
13
°C/W
Figure 1. Derating Curve Output Rectified Current
0
Ambient Temperature ( °C)
20
40
60
80
100
120
140 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
60HZ Resistive or
Inductive Load
P.C.B. Mounted with
0.47 x 0.47" (12 x 12 mm)
Copper pads
Capacitive Load
Ipk/IAV = 5.0
Ipk/IAV =10
Ipk/IAV =20
(per leg)
Figure 2. Maximum Non-Repetitive Peak Forward Surge Current
Per Leg
0
1
10
100
Number of Cycles at 60 H Z
10
20
30
40
50
60
Single Half Sine-Wave
(JEDEC Method)
TA =25 °C
TJ = 150 °C
1.0 Cycle


Similar Part No. - 3N249

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
3N249 GE-3N249 Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE RECTIFIER BRIDGE
logo
Fairchild Semiconductor
3N249 FAIRCHILD-3N249 Datasheet
44Kb / 3P
   Bridge Rectifiers
logo
Vishay Siliconix
3N249 VISHAY-3N249 Datasheet
102Kb / 4P
   Glass Passivated Single-Phase Bridge Rectifier
Revision: 15-Apr-08
logo
New Jersey Semi-Conduct...
3N249 NJSEMI-3N249 Datasheet
89Kb / 1P
   MINIATURE INTEGRAL DIODE ASSEMBLIES
logo
Central Semiconductor C...
3N249-M CENTRAL-3N249-M Datasheet
464Kb / 2P
   SILICON BRIDGE RECTIFIERS
More results

Similar Description - 3N249

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
GBPC35005 SSE-GBPC35005 Datasheet
18Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
   Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
   Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
logo
Pan Jit International I...
GPJ8A PANJIT-GPJ8A Datasheet
42Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBJ8A PANJIT-GBJ8A_04 Datasheet
39Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
W005M CHENYI-W005M Datasheet
144Kb / 2P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
   GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com