Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD70F3214HGF-JBT Datasheet(PDF) 3 Page - NEC

Part # UPD70F3214HGF-JBT
Description  32-Bit Single-Chip Microcontrollers
Download  861 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD70F3214HGF-JBT Datasheet(HTML) 3 Page - NEC

  UPD70F3214HGF-JBT Datasheet HTML 1Page - NEC UPD70F3214HGF-JBT Datasheet HTML 2Page - NEC UPD70F3214HGF-JBT Datasheet HTML 3Page - NEC UPD70F3214HGF-JBT Datasheet HTML 4Page - NEC UPD70F3214HGF-JBT Datasheet HTML 5Page - NEC UPD70F3214HGF-JBT Datasheet HTML 6Page - NEC UPD70F3214HGF-JBT Datasheet HTML 7Page - NEC UPD70F3214HGF-JBT Datasheet HTML 8Page - NEC UPD70F3214HGF-JBT Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 861 page
background image
User’s Manual U16890EJ1V0UD
3
1
2
3
4
VOLTAGE APPLICATION WAVEFORM AT INPUT PIN
Waveform distortion due to input noise or a reflected wave may cause malfunction. If the input of the
CMOS device stays in the area between VIL (MAX) and VIH (MIN) due to noise, etc., the device may
malfunction. Take care to prevent chattering noise from entering the device when the input level is fixed,
and also in the transition period when the input level passes through the area between VIL (MAX) and
VIH (MIN).
HANDLING OF UNUSED INPUT PINS
Unconnected CMOS device inputs can be cause of malfunction. If an input pin is unconnected, it is
possible that an internal input level may be generated due to noise, etc., causing malfunction. CMOS
devices behave differently than Bipolar or NMOS devices. Input levels of CMOS devices must be fixed
high or low by using pull-up or pull-down circuitry. Each unused pin should be connected to VDD or GND
via a resistor if there is a possibility that it will be an output pin. All handling related to unused pins must
be judged separately for each device and according to related specifications governing the device.
PRECAUTION AGAINST ESD
A strong electric field, when exposed to a MOS device, can cause destruction of the gate oxide and
ultimately degrade the device operation. Steps must be taken to stop generation of static electricity as
much as possible, and quickly dissipate it when it has occurred.
Environmental control must be
adequate. When it is dry, a humidifier should be used. It is recommended to avoid using insulators that
easily build up static electricity. Semiconductor devices must be stored and transported in an anti-static
container, static shielding bag or conductive material. All test and measurement tools including work
benches and floors should be grounded.
The operator should be grounded using a wrist strap.
Semiconductor devices must not be touched with bare hands. Similar precautions need to be taken for
PW boards with mounted semiconductor devices.
STATUS BEFORE INITIALIZATION
Power-on does not necessarily define the initial status of a MOS device. Immediately after the power
source is turned ON, devices with reset functions have not yet been initialized. Hence, power-on does
not guarantee output pin levels, I/O settings or contents of registers. A device is not initialized until the
reset signal is received. A reset operation must be executed immediately after power-on for devices
with reset functions.
NOTES FOR CMOS DEVICES
Purchase of NEC Electronics I
2C components conveys a license under the Philips I2C Patent Rights to
use these components in an I
2C system, provided that the system conforms to the I2C Standard
Specification as defined by Philips.
Caution:
µPD70F3214H, 70F3214HY, 70F3215H, and 70F3215HY use SuperFlashTM technology
licensed from Silicon Storage Technology, Inc.
Windows and Windows NT are either registered trademarks or trademarks of Microsoft Corporation in
the United States and/or other countries.
PC/AT is a trademark of International Business Machines Corporation.
SPARCstation is a trademark of SPARC International, Inc.
Solaris and SunOS are trademarks of Sun Microsystems, Inc.
SuperFlash is a registered trademark or trademark of Silicon Storage Technology, Inc. in several
countries including the United States and Japan.


Similar Part No. - UPD70F3214HGF-JBT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3214 NEC-UPD70F3214 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3214A NEC-UPD70F3214A Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3214GC-8EU NEC-UPD70F3214GC-8EU Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3214GCA-8EU NEC-UPD70F3214GCA-8EU Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3214Y NEC-UPD70F3214Y Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
More results

Similar Description - UPD70F3214HGF-JBT

ManufacturerPart #DatasheetDescription
logo
NEC
UPD70F3218 NEC-UPD70F3218 Datasheet
5Mb / 884P
   32-Bit Single-Chip Microcontrollers
UPD70F3114 NEC-UPD70F3114 Datasheet
3Mb / 692P
   32-Bit Single-Chip Microcontrollers
UPD703103A NEC-UPD703103A Datasheet
905Kb / 99P
   32-Bit Single-Chip Microcontrollers
UPD703100 NEC-UPD703100 Datasheet
901Kb / 185P
   32-Bit Single-Chip Microcontrollers
UPD70F3201 NEC-UPD70F3201 Datasheet
797Kb / 98P
   32-BIT SINGLE-CHIP MICROCONTROLLERS
UPD70F3208 NEC-UPD70F3208 Datasheet
4Mb / 757P
   32-Bit Single-Chip Microcontrollers
UPD70F3116 NEC-UPD70F3116 Datasheet
4Mb / 826P
   32-Bit Single-Chip Microcontrollers
UPD703003A NEC-UPD703003A Datasheet
230Kb / 40P
   V853TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703100A-33 NEC-UPD703100A-33 Datasheet
1Mb / 132P
   V850E/MS1TM 32/16-BIT SINGLE-CHIP MICROCONTROLLERS
UPD703031A NEC-UPD703031A Datasheet
357Kb / 29P
   V850/SB1TM 32-/16-BIT SINGLE-CHIP MICROCONTROLLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com