Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AUP1GU04 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74AUP1GU04
Description  Low-power unbuffered inverter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AUP1GU04 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74AUP1GU04 Datasheet HTML 5Page - NXP Semiconductors 74AUP1GU04 Datasheet HTML 6Page - NXP Semiconductors 74AUP1GU04 Datasheet HTML 7Page - NXP Semiconductors 74AUP1GU04 Datasheet HTML 8Page - NXP Semiconductors 74AUP1GU04 Datasheet HTML 9Page - NXP Semiconductors 74AUP1GU04 Datasheet HTML 10Page - NXP Semiconductors 74AUP1GU04 Datasheet HTML 11Page - NXP Semiconductors 74AUP1GU04 Datasheet HTML 12Page - NXP Semiconductors 74AUP1GU04 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
9397 750 14689
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 10 August 2005
9 of 18
Philips Semiconductors
74AUP1GU04
Low-power unbuffered inverter
[1]
All typical values are measured at nominal VCC.
[2]
CPD is used to determine the dynamic power dissipation (PD in µW).
PD =CPD × VCC2 × fi × N+ Σ(CL × VCC2 × fo) where:
fi = input frequency in MHz;
fo = output frequency in MHz;
CL = output load capacitance in pF;
VCC = supply voltage in V;
N = number of inputs switching;
Σ(C
L × VCC
2
× f
o) = sum of the outputs.
[3]
The condition is VI = GND to VCC.
Tamb = 25 °C
CPD
power dissipation capacitance f = 10 MHz
[2] [3]
VCC = 0.8 V
-
1.7
-
pF
VCC = 1.1 V to 1.3 V
-
1.6
-
pF
VCC = 1.4 V to 1.6 V
-
1.6
-
pF
VCC = 1.65 V to 1.95 V
-
1.8
-
pF
VCC = 2.3 V to 2.7 V
-
3.3
-
pF
VCC = 3.0 V to 3.6 V
-
5.3
-
pF
Table 9:
Dynamic characteristics …continued
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7
Symbol
Parameter
Conditions
Min
Typ [1]
Max
Unit
Table 10:
Dynamic characteristics
Voltages are referenced to GND (ground = 0 V); for test circuit see Figure 7
Symbol
Parameter
Conditions
−40 °C to +85 °C
−40 °C to +125 °C
Unit
Min
Max
Min
Max
CL = 5 pF
tPHL, tPLH
propagation delay
AtoY
see Figure 6
VCC = 1.1 V to 1.3 V
0.9
4.8
0.9
5.3
ns
VCC = 1.4 V to 1.6 V
0.6
3.4
0.6
3.8
ns
VCC = 1.65 V to 1.95 V
0.5
2.9
0.5
3.2
ns
VCC = 2.3 V to 2.7 V
0.4
2.3
0.4
2.6
ns
VCC = 3.0 V to 3.6 V
0.3
2.1
0.3
2.4
ns
CL = 10 pF
tPHL, tPLH
propagation delay
AtoY
see Figure 6
VCC = 1.1 V to 1.3 V
1.2
6.8
1.2
7.5
ns
VCC = 1.4 V to 1.6 V
0.9
4.6
0.9
5.1
ns
VCC = 1.65 V to 1.95 V
0.7
3.8
0.7
4.2
ns
VCC = 2.3 V to 2.7 V
0.6
3.1
0.6
3.5
ns
VCC = 3.0 V to 3.6 V
0.5
2.7
0.5
3.0
ns


Similar Part No. - 74AUP1GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1GU04 NXP-74AUP1GU04 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04GM NXP-74AUP1GU04GM Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04GM NEXPERIA-74AUP1GU04GM Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
More results

Similar Description - 74AUP1GU04

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AUP1GU04 PHILIPS-74AUP1GU04_15 Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
74AUP1GU04GF NXP-74AUP1GU04GF Datasheet
362Kb / 21P
   Low-power unbuffered inverter
Rev. 5-29 June 2012
logo
Nexperia B.V. All right...
74AUP1GU04 NEXPERIA-74AUP1GU04 Datasheet
281Kb / 18P
   Low-power unbuffered inverter
Rev. 8 - 2 November 2022
logo
NXP Semiconductors
74AUP2GU04 NXP-74AUP2GU04 Datasheet
99Kb / 16P
   Low-power dual unbuffered inverter
Rev. 02-3 July 2009
74AUP2GU04 PHILIPS-74AUP2GU04_15 Datasheet
202Kb / 19P
   Low-power dual unbuffered inverter
Rev. 5-11 October 2013
logo
Nexperia B.V. All right...
74AUP2GU04-Q100 NEXPERIA-74AUP2GU04-Q100 Datasheet
235Kb / 14P
   Low-power dual unbuffered inverter
74AUP2GU04 NEXPERIA-74AUP2GU04 Datasheet
263Kb / 16P
   Low-power dual unbuffered inverter
Rev. 8 - 31 January 2202
logo
Toshiba Semiconductor
TC7SZU04FE TOSHIBA-TC7SZU04FE Datasheet
147Kb / 6P
   Inverter (Unbuffered)
logo
ON Semiconductor
NL17SGU04 ONSEMI-NL17SGU04_17 Datasheet
92Kb / 9P
   Unbuffered Inverter
November, 2017 ??Rev. 5
logo
Toshiba Semiconductor
TC7SGU04FU TOSHIBA-TC7SGU04FU Datasheet
168Kb / 6P
   Inverter (Unbuffered)
2009-09-24
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com