Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74AHC1G09GW Datasheet(PDF) 4 Page - NXP Semiconductors

Part # 74AHC1G09GW
Description  2-input AND gate with open-drain output
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74AHC1G09GW Datasheet(HTML) 4 Page - NXP Semiconductors

  74AHC1G09GW Datasheet HTML 1Page - NXP Semiconductors 74AHC1G09GW Datasheet HTML 2Page - NXP Semiconductors 74AHC1G09GW Datasheet HTML 3Page - NXP Semiconductors 74AHC1G09GW Datasheet HTML 4Page - NXP Semiconductors 74AHC1G09GW Datasheet HTML 5Page - NXP Semiconductors 74AHC1G09GW Datasheet HTML 6Page - NXP Semiconductors 74AHC1G09GW Datasheet HTML 7Page - NXP Semiconductors 74AHC1G09GW Datasheet HTML 8Page - NXP Semiconductors 74AHC1G09GW Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
74AHC1G09_1
© Koninklijke Philips Electronics N.V. 2005. All rights reserved.
Product data sheet
Rev. 01 — 26 September 2005
4 of 11
Philips Semiconductors
74AHC1G09
2-input AND gate with open-drain output
10. Recommended operating conditions
11. Static characteristics
Table 7:
Recommended operating operations
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VCC
supply voltage
2.0
5.0
5.5
V
VI
input voltage
0
-
5.5
V
VO
output voltage
active mode
0
-
VCC
V
high-impedance mode
0
-
6.0
V
Tamb
ambient temperature
−40
+25
+125
°C
tr, tf
input rise and fall times
VCC = 3.0 V to 3.6 V
-
-
100
ns/V
VCC = 4.5 V to 5.5 V
-
-
20
ns/V
Table 8:
Static characteristics
At recommended operating conditions; voltages are referenced to GND (ground = 0 V).
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Tamb =25 °C
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 3.0 V
2.1
-
-
V
VCC = 5.5 V
3.85
-
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 3.0 V
-
-
0.9
V
VCC = 5.5 V
-
-
1.65
V
VOL
LOW-level output
voltage
VI =VIH or VIL
IO =50 µA; VCC = 2.0 V
-
0
0.1
V
IO =50 µA; VCC = 3.0 V
-
0
0.1
V
IO =50 µA; VCC = 4.5 V
-
0
0.1
V
IO = 4.0 mA; VCC = 3.0 V
-
-
0.36
V
IO = 8.0 mA; VCC = 4.5 V
-
-
0.36
V
ILI
input leakage current
VI =VCC or GND; VCC = 5.5 V
-
-
±0.1
µA
IOZ
OFF-state output
current
VI = VIH or VIL; VO = VCC or GND;
VCC = 5.5 V
--
±0.25
µA
ICC
quiescent supply
current
VI =VCC or GND; IO = 0 A; VCC = 5.5 V
-
-
1.0
µA
Ci
input capacitance
-
1.5
10
pF
Tamb = −40 °C to +85 °C
VIH
HIGH-level input
voltage
VCC = 2.0 V
1.5
-
-
V
VCC = 3.0 V
2.1
-
-
V
VCC = 5.5 V
3.85
-
-
V
VIL
LOW-level input
voltage
VCC = 2.0 V
-
-
0.5
V
VCC = 3.0 V
-
-
0.9
V
VCC = 5.5 V
-
-
1.65
V


Similar Part No. - 74AHC1G09GW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74AHC1G09GW NXP-74AHC1G09GW Datasheet
74Kb / 10P
   2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Nexperia B.V. All right...
74AHC1G09GW NEXPERIA-74AHC1G09GW Datasheet
204Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
74AHC1G09GW-Q100 NEXPERIA-74AHC1G09GW-Q100 Datasheet
203Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
More results

Similar Description - 74AHC1G09GW

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
   2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
   2-Input AND Gate with Open Drain Output
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09 Datasheet
174Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
logo
NXP Semiconductors
74AHC1G09 NXP-74AHC1G09 Datasheet
74Kb / 10P
   2-input AND gate with open-drain output
Rev. 02-18 December 2007
logo
Nexperia B.V. All right...
74AHC1G09 NEXPERIA-74AHC1G09 Datasheet
204Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
74AHC1G09-Q100 NEXPERIA-74AHC1G09-Q100 Datasheet
203Kb / 10P
   2-input AND gate with open-drain output
Rev. 3 - 11 January 2022
logo
Unisonic Technologies
U74AHC1G09 UTC-U74AHC1G09_15 Datasheet
170Kb / 5P
   2-INPUT AND GATE WITH OPEN DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com