Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXSH35N120A Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXSH35N120A
Description  High Voltage, High speed IGBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXSH35N120A Datasheet(HTML) 2 Page - IXYS Corporation

  IXSH35N120A Datasheet HTML 1Page - IXYS Corporation IXSH35N120A Datasheet HTML 2Page - IXYS Corporation IXSH35N120A Datasheet HTML 3Page - IXYS Corporation IXSH35N120A Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 - 4
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
I
C
= I
C90; VCE = 10 V,
20
26
S
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
I
C(on)
V
GE = 15 V, VCE = 10 V
170
A
C
ies
3750
pF
C
oes
V
CE = 25 V, VGE = 0 V, f = 1 MHz
235
pF
C
res
60
pF
Q
g
150
190
nC
Q
ge
I
C = IC90, VGE = 15 V, VCE = 0.5 VCES
40
60
nC
Q
gc
70
100
nC
t
d(on)
80
ns
t
ri
150
ns
t
d(off)
400
900
ns
t
fi
500
700
ns
E
off
10
mJ
t
d(on)
80
ns
t
ri
150
ns
E
on
2.5
mJ
t
d(off)
400
ns
t
fi
700
ns
E
off
15
mJ
R
thJC
0.42 K/W
R
thCK
0.25
K/W
Inductive load, T
J = 25°C
I
C = IC90, VGE = 15 V, L = 100 mH
V
CE = 0.8 VCES, RG = 2.7 W
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
Inductive load, T
J = 125°C
I
C = IC90, VGE = 15 V, L = 100 mH
V
CE = 0.8 VCES, RG = 2.7 W
Remarks: Switching times may
increase for V
CE (Clamp) > 0.8 • VCES,
higher T
J or increased RG
IXSH 35N120A
TO-247 AD (IXSH) Outline
Dim. Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780 0.800
B
20.80 21.46
0.819 0.845
C
15.75 16.26
0.610 0.640
D
3.55
3.65
0.140 0.144
E
4.32
5.49
0.170 0.216
F
5.4
6.2
0.212 0.244
G
1.65
2.13
0.065 0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040 0.055
K
10.8
11.0
0.426 0.433
L
4.7
5.3
0.185 0.209
M
0.4
0.8
0.016 0.031
N
1.5
2.49
0.087 0.102
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025


Similar Part No. - IXSH35N120A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH35N120B IXYS-IXSH35N120B Datasheet
82Kb / 2P
   IGBT
More results

Similar Description - IXSH35N120A

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXSH30N60B IXYS-IXSH30N60B Datasheet
131Kb / 4P
   High Speed IGBT
IXSP20N60B2D1 IXYS-IXSP20N60B2D1 Datasheet
181Kb / 6P
   High Speed IGBT
logo
Inchange Semiconductor ...
ISGM2003 ISC-ISGM2003 Datasheet
562Kb / 4P
   High-Speed IGBT
logo
IXYS Corporation
IXSP24N60B IXYS-IXSP24N60B Datasheet
75Kb / 2P
   High Speed IGBT
IXSH40N60 IXYS-IXSH40N60 Datasheet
55Kb / 2P
   High Speed IGBT
IXSH35N100A IXYS-IXSH35N100A Datasheet
80Kb / 4P
   High speed IGBT
IXSH24N60B IXYS-IXSH24N60B Datasheet
107Kb / 2P
   High Speed IGBT
logo
Inchange Semiconductor ...
IXYH40N120 ISC-IXYH40N120 Datasheet
429Kb / 3P
   High-Speed IGBT
logo
Vincotech
10-PY124PA080FV-L589F88Y VINCOTECH-10-PY124PA080FV-L589F88Y Datasheet
427Kb / 7P
   High speed IGBT
logo
Inchange Semiconductor ...
IXYN82N120 ISC-IXYN82N120 Datasheet
528Kb / 3P
   High-Speed IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com