Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9LG0824S4001 Datasheet(PDF) 4 Page - SANYO DENKI CO., LTD.

Part # 9LG0824S4001
Description  Long Life Fan San Ace 80L 9LG type
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9LG0824S4001 Datasheet(HTML) 4 Page - SANYO DENKI CO., LTD.

  9LG0824S4001 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9LG0824S4001 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 9LG0824S4001 Datasheet HTML 3Page - SANYO DENKI CO., LTD. 9LG0824S4001 Datasheet HTML 4Page - SANYO DENKI CO., LTD. 9LG0824S4001 Datasheet HTML 5Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
388
リード線
AWG26
UL 1430
回転方向
風吹出方向
25.2
±0.5
4
±0.3
4
±0.3
+50
300 0
(10)
71.5
±0.3
80
±0.5
取付用穴
8-
ø4.3±0.3
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
0
0.6
0.2
5
10
20
15
25
30
0.4
0.8 1.0
35
40
20
10
0
0.02
0
30
0.16
0.06
0.10
0.14
0.04
0.08
0.12
24 V
12 V
26.4 V
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
0
0.6
0.2
5
10
20
15
25
0.4
0.8
20
10
0
0.02
0
0.06
0.10
0.04
0.08
15
5
25
24 V
14 V
26.4 V
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
0
0.6
0.2
5
10
20
15
25
0.4
0.8
20
10
0
0.02
0
0.06
0.10
0.04
0.08
15
5
25
12 V
8 V
13.2 V
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
0
0.6
1.2
10
20
30
40
0.2 0.4
0.8
50
60
1.0
70
1.4
20
10
0
0
40
30
0.16
0.04
0.08
0.12
50
0.20
0.28
0.24
24 V
12 V
26.4 V
風量
(Pa)
(inch H2O)
(CFM)
(m3/min)
0
0.6
1.2
0.2
5
10
20
15
25
30
35
40
0.4
0.8 1.0
45
20
10
0
0.02
0
40
30
0.16
0.06
0.10
0.14
0.04
0.08
0.12
0.18
12 V
24 V
26.4 V
CATALOG No. C1097B001 '20.1.IT
Airflow direction
Lead wire
Rotating direction
Mounting hole
Dimensions (unit: mm)
Operating voltage range
Operating voltage range
Airflow - Static Pressure Characteristics
Airflow
Airflow
9LG0824M4001 With pulse sensor
9LG0824L4001 With pulse sensor
Operating voltage range
Operating voltage range
Operating voltage range
Airflow
Airflow
Airflow
9LG0812L4001 With pulse sensor
9LG0824S4001 With pulse sensor
9LG0824F4001 With pulse sensor


Similar Part No. - 9LG0824S4001

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
9LG0612P4H001 SANYODENKI-9LG0612P4H001 Datasheet
471Kb / 5P
   Long Life Fan San Ace 60L 9LG type
9LG0612P4J001 SANYODENKI-9LG0612P4J001 Datasheet
471Kb / 5P
   Long Life Fan San Ace 60L 9LG type
9LG0612P4M001 SANYODENKI-9LG0612P4M001 Datasheet
471Kb / 5P
   Long Life Fan San Ace 60L 9LG type
9LG0612P4S001 SANYODENKI-9LG0612P4S001 Datasheet
471Kb / 5P
   Long Life Fan San Ace 60L 9LG type
9LG0624P4H001 SANYODENKI-9LG0624P4H001 Datasheet
471Kb / 5P
   Long Life Fan San Ace 60L 9LG type
More results

Similar Description - 9LG0824S4001

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
109L0812S401 ETC2-109L0812S401 Datasheet
121Kb / 2P
   Long Life Fan San Ace 80L
logo
SANYO DENKI CO., LTD.
9LG0612P4S001 SANYODENKI-9LG0612P4S001 Datasheet
471Kb / 5P
   Long Life Fan San Ace 60L 9LG type
9CRL0812P8G001 SANYODENKI-9CRL0812P8G001 Datasheet
201Kb / 2P
   Long Life Fan San Ace 80L 9CRL type
9LG1412P5G001 SANYODENKI-9LG1412P5G001 Datasheet
307Kb / 5P
   Long Life Fan San Ace 140L 9LG type
9LG0912P4J001 SANYODENKI-9LG0912P4J001 Datasheet
409Kb / 5P
   Long Life Fan San Ace 92L 9LG type
9LG1212P1G001 SANYODENKI-9LG1212P1G001 Datasheet
449Kb / 5P
   Long Life Fan San Ace 120L 9LG type
logo
List of Unclassifed Man...
109L0612G401 ETC2-109L0612G401 Datasheet
123Kb / 2P
   Long Life Fan San Ace 60L
109L1412H101 ETC2-109L1412H101 Datasheet
104Kb / 2P
   Long Life Fan San Ace 140L
109L0912S401 ETC2-109L0912S401 Datasheet
136Kb / 2P
   Long Life Fan San Ace 92L
logo
SANYO DENKI CO., LTD.
9GL1212G101 SANYODENKI-9GL1212G101 Datasheet
217Kb / 3P
   Long Life Fan San Ace 120L 9GL type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com