Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH50N60AS Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXGH50N60AS
Description  HiPerFAST IGBT - Surface Mountable
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH50N60AS Datasheet(HTML) 4 Page - IXYS Corporation

  IXGH50N60AS Datasheet HTML 1Page - IXYS Corporation IXGH50N60AS Datasheet HTML 2Page - IXYS Corporation IXGH50N60AS Datasheet HTML 3Page - IXYS Corporation IXGH50N60AS Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025
IXYS reserves the right to change limits, test conditions, and dimensions.
IXGH50N60A
IXGH50N60AS
V
CE - Volts
0
5
10
15
20
25
0
500
1000
1500
2000
2500
3000
3500
4000
4500
C
ies
C
res
C
oes
V
CE - Volts
0
100
200
300
400
500
600
700
0.01
0.1
1
10
100
T
J = 125°C
dV/dt < 3V/ns
Total Gate Charge - (nC)
0
50
100
150
200
250
0
3
6
9
12
15
Pulse Width - seconds
0.00001
0.0001
0.001
0.01
0.1
1
10
0.001
0.01
0.1
1
D = Duty Cycle
Single Pulse
D=0.5
D=0.2
I
C = 40A
V
CE = 500V
D=0.1
D=0.05
D=0.02
D=0.01
G50N60 2 JNB
Fig.10 Transient Thermal Impedance
Fig.9 Capacitance Curves
Fig.7 Gate Charge
Fig.8 Turn-Off Safe Operating Area


Similar Part No. - IXGH50N60AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
   HiPerFAST IGBT
IXGH50N60B2 IXYS-IXGH50N60B2 Datasheet
585Kb / 5P
   HiPerFASTTM IGBT B2-Class High Speed IGBTs
IXGH50N60B4 IXYS-IXGH50N60B4 Datasheet
227Kb / 6P
   High-Gain IGBTs
IXGH50N60B4D1 IXYS-IXGH50N60B4D1 Datasheet
205Kb / 7P
   Low-Vsat PT Trench IGBTs
IXGH50N60C2 IXYS-IXGH50N60C2 Datasheet
592Kb / 5P
   HiPerFAST IGBT C2-Class High Speed IGBTs
More results

Similar Description - IXGH50N60AS

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGE200N60B IXYS-IXGE200N60B_04 Datasheet
527Kb / 2P
   HiPerFAST IGBT
IXGH20N30 IXYS-IXGH20N30 Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH40N30S IXYS-IXGH40N30S Datasheet
94Kb / 2P
   HiPerFAST IGBT
IXGH40N30A IXYS-IXGH40N30A Datasheet
35Kb / 2P
   HiPerFAST IGBT
IXGH22N50B IXYS-IXGH22N50B Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGX120N60B IXYS-IXGX120N60B Datasheet
46Kb / 2P
   HiPerFAST IGBT
IXGH50N60B IXYS-IXGH50N60B Datasheet
182Kb / 4P
   HiPerFAST IGBT
IXGE200N60B IXYS-IXGE200N60B Datasheet
67Kb / 2P
   HiPerFAST IGBT
IXGA15N120C IXYS-IXGA15N120C Datasheet
68Kb / 2P
   HiPerFAST IGBT
IXGH40N60B2 IXYS-IXGH40N60B2 Datasheet
584Kb / 5P
   HiPerFAST IGBT
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com