Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXGH32N50BU1 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGH32N50BU1
Description  HiPerFAST IGBT with Diode Combi Pack
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGH32N50BU1 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGH32N50BU1 Datasheet HTML 1Page - IXYS Corporation IXGH32N50BU1 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 1997 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25
°C to 150°C
500
V
V
CGR
T
J
= 25
°C to 150°C; R
GE = 1 MΩ
500
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25 °C60
A
I
C90
T
C = 90 °C32
A
I
CM
T
C = 25 °C, 1 ms
120
A
SSOA
V
GE = 15 V, T VJ = 125°C, RG = 33 Ω
I
CM = 64
A
(RBSOA)
Clamped inductive load, L = 100
µH
@ 0.8 V
CES
P
C
T
C = 25 °C
200
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
Maximum Lead and Tab temperature for soldering
300
°C
1.6 mm (0.062 in.) from case for 10 s
M
d
Mounting torque, TO-247 AD
1.13/10
Nm/lb.in.
Weight
TO-247 SMD
4
g
TO-247 AD
6
g
Preliminary Data Sheet
HiPerFASTTM IGBT
with Diode
Combi Pack
V
CES
=
500 V
I
C25
=
60 A
V
CE(sat)
=
2.0 V
t
fi
=
80 ns
IXGH32N50BU1
IXGH32N50BU1S
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
BV
CES
I
C
= 750
µA, V
GE = 0 V
500
V
V
GE(th)
I
C
= 250
µA, V
CE = VGE
2.5
5.5
V
I
CES
V
CE
= 0.8 • V
CES
T
J = 25°C
500
µA
V
GE
= 0 V
T
J = 125°C8
mA
I
GES
V
CE
= 0 V, V
GE = ±20 V
±100
nA
V
CE(sat)
I
C
= I
C90, VGE = 15 V
2.0
V
E
TO-247 SMD
(32N50BU1S)
G
C (TAB)
C (TAB)
G = Gate,
C = Collector,
E = Emitter,
TAB = Collector
G
C
E
TO-247 AD
Features
l International standard packages
JEDEC TO-247 SMD surface
mountable and JEDEC TO-247 AD
l High frequency IGBT and antiparallel
FRED in one package
l High current handling capability
l Newest generation HDMOSTM process
l MOS Gate turn-on
- drive simplicity
Applications
l AC motor speed control
l DC servo and robot drives
l DC choppers
l Uninterruptible power supplies (UPS)
l Switched-mode and resonant-mode
power supplies
Advantages
l Space savings (two devices in one
package)
l High power density
l Very fast switching speeds for high
frequency applications
95565A (4/97)


Similar Part No. - IXGH32N50BU1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH32N50B IXYS-IXGH32N50B Datasheet
50Kb / 2P
   HiPerFAST IGBT
IXGH32N50BS IXYS-IXGH32N50BS Datasheet
50Kb / 2P
   HiPerFAST IGBT
More results

Similar Description - IXGH32N50BU1

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGH32N60AU1 IXYS-IXGH32N60AU1 Datasheet
44Kb / 2P
   HiPerFAST IGBT with Diode Combi Pack
IXGP12N100U1 IXYS-IXGP12N100U1 Datasheet
116Kb / 4P
   IGBT - Combi Pack
IXGP12N60U1 IXYS-IXGP12N60U1 Datasheet
97Kb / 6P
   Low VCE(sat) IGBT with Diode Combi Pack
IXSX50N60AU1 IXYS-IXSX50N60AU1 Datasheet
138Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
IXSN52N60AU1 IXYS-IXSN52N60AU1 Datasheet
148Kb / 5P
   IGBT with Diode Combi Pack - Short Circuit SOA Capability
IXGK50N60C2D1 IXYS-IXGK50N60C2D1 Datasheet
628Kb / 6P
   HiPerFAST IGBT with Diode
IXG7N60BD1 IXYS-IXG7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
IXGX50N60AU1 IXYS-IXGX50N60AU1 Datasheet
190Kb / 6P
   HiPerFAST IGBT with Diode
IXGR24N60CD1 IXYS-IXGR24N60CD1 Datasheet
42Kb / 2P
   HiPerFAST IGBT with Diode
IXGA7N60BD1 IXYS-IXGA7N60BD1 Datasheet
84Kb / 2P
   HiPerFAST IGBT with Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com