Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TB62732FU Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TB62732FU
Description  The step up type DC-DC converter only for white LED driver lighting
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TB62732FU Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TB62732FU Datasheet HTML 1Page - Toshiba Semiconductor TB62732FU Datasheet HTML 2Page - Toshiba Semiconductor TB62732FU Datasheet HTML 3Page - Toshiba Semiconductor TB62732FU Datasheet HTML 4Page - Toshiba Semiconductor TB62732FU Datasheet HTML 5Page - Toshiba Semiconductor TB62732FU Datasheet HTML 6Page - Toshiba Semiconductor TB62732FU Datasheet HTML 7Page - Toshiba Semiconductor TB62732FU Datasheet HTML 8Page - Toshiba Semiconductor TB62732FU Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TOSHIBA
T B 6 2 7 3 2 F U
27, Feb 2002 (Ver.04)
Characteristics
Symbol
Test condition
min
typ
max
Unit
Supply voltage
Vcc
3.0
-
5.5
V
Operation supply
current
Icc(On)
Vcc = 3.6V
-
0.9
mA
Stand-by supply
current
Icc(SHDN)
SHDN = 0 V
-
0.5
1.2
uA
SHDN terminal
current
I_SHDN
SHDN = Vcc,
built in pull-down resisance
-
4.2
7
uA
MOS-Tr on
resistance
Ron
Io(A) <= 380 mA,
detection resistance value is
contained.
-
2.0
2.5
ohms
MOS-Tr switching
frequency
fOSC
0.7
1.0
1.3
MHz
A terminal voltage
Vo(A)
17
-
-
V
A terminal current
Io(A)
320
350
380
mA
A terminal
leakage current
Ioz(A)
-
0.5
1
uA
Set up LED
current (mean)
Io
Vcc = 3 - 4.3V,
R_sens = 2.7 ohms,
19.6
mA
LED current Vcc
dependence
dIo
L = 6.8uH,
Topr = 25 degree (Note 4)
+/-5
+/-10
%
Derating start
ambient
temperature
Tdel
R_sens = 2.7 ohms, L = 10uH,
Vo = 16V (Note 5)
-
45
-
degr
ee
ELECTRIC CHARACTERISTICS
( unless otherwised notice, Topr = -40 to 85 degree & Vcc = 3.0 to 5.5 V)
Note 4 : The derating function carries out the measurement in Ta= 25 degree not to work. The
specifications don't contain the dispersion of the R_Sens resistor. Io has the possibility to be different
from the specifications by the inductance value and the relations of the load.
Note 5 : It is a specifications guarantee by the design.
4


Similar Part No. - TB62732FU

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
More results

Similar Description - TB62732FU

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TB62731FUG MARKTECH-TB62731FUG Datasheet
273Kb / 17P
   Step-up DC-DC Converter for White LED Driver
logo
Toshiba Semiconductor
TB62731FUG TOSHIBA-TB62731FUG Datasheet
246Kb / 20P
   Step-up DC-DC Converter for White LED Driver
logo
Stanson Technology
ST1938 STANSON-ST1938 Datasheet
151Kb / 5P
   DC-DC Step-Up Converter for White LED Driver
logo
Toshiba Semiconductor
TB62732FUG TOSHIBA-TB62732FUG Datasheet
290Kb / 18P
   Step-up DC/DC Converter for White LED Driver
logo
Stanson Technology
ST1937 STANSON-ST1937 Datasheet
202Kb / 6P
   DC-DC Step-Up Converter for White LED Driver
logo
Toshiba Semiconductor
TB62763FMG TOSHIBA-TB62763FMG Datasheet
611Kb / 15P
   Step Up Type DC/DC Converter for White LED
logo
KEC(Korea Electronics)
KAB3405T KEC-KAB3405T Datasheet
612Kb / 7P
   Step Up Type DC/DC Converter for White LED
logo
Marktech Corporate
TB62752AFUG MARKTECH-TB62752AFUG Datasheet
189Kb / 6P
   Step Up Type DC/DC Converter for White LED
TB62750FTG MARKTECH-TB62750FTG Datasheet
205Kb / 10P
   Step Up Type DC-DC Converter for White LED
TB62734FMG MARKTECH-TB62734FMG Datasheet
436Kb / 14P
   Step Up Type DC-DC Converter for White LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com