Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NCP1560 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NCP1560
Description  Full Featured Voltage Mode PWM Controller
Download  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP1560 Datasheet(HTML) 5 Page - ON Semiconductor

  NCP1560 Datasheet HTML 1Page - ON Semiconductor NCP1560 Datasheet HTML 2Page - ON Semiconductor NCP1560 Datasheet HTML 3Page - ON Semiconductor NCP1560 Datasheet HTML 4Page - ON Semiconductor NCP1560 Datasheet HTML 5Page - ON Semiconductor NCP1560 Datasheet HTML 6Page - ON Semiconductor NCP1560 Datasheet HTML 7Page - ON Semiconductor NCP1560 Datasheet HTML 8Page - ON Semiconductor NCP1560 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP1560
http://onsemi.com
5
MAXIMUM RATINGS (Note 1)
Rating
Symbol
Value
Unit
Input Line Voltage
Vin
-0.3 to 150
V
Auxiliary Supply Voltage
VAUX
-0.3 to 16
V
Auxiliary Supply Input Current
IAUX
35
mA
OUT1 and OUT2 Voltage
VOUT
-0.3 to (VAUX + 0.3 V)
V
OUT1 and OUT2 Output Current
IOUT
10
mA
5.0 V Reference Voltage
VREF
-0.3 to 6.0
V
5.0 V Reference Output Current
IREF
6.0
mA
All Other Inputs/Outputs Voltage
VIO
-0.3 to VREF
V
All Other Inputs/Outputs Current
IIO
10
mA
Operating Junction Temperature
TJ
-40 to 125
°C
Storage Temperature Range
Tstg
-55 to 150
°C
Power Dissipation at TA = 25°C
PD
0.77
W
Thermal Resistance, Junction to Ambient
RqJA
130
°C/W
1. Maximum Ratings are those values beyond which damage to the device may occur. Exposure to these conditions or conditions beyond those
indicated may adversely affect device reliability. Functional operation under absolute maximum-rated conditions is not implied. Functional
operation should be restricted to the Recommended Operating Conditions.
A. This device series contains ESD protection and exceeds the following tests:
Pin 1 is the HV start-up of the device and is rated to the max rating of the part, or 150 V.
Machine Model Method 150 V.
Pins 2-16: Human Body Model 4000 V per MIL-STD-883, Method 3015.
Machine Model Method 200 V.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NCP1280Active Clamp Voltage Mode PWM Controller for Off-Line Applications 1 2 3 4 5 MoreON Semiconductor
AP1505SINGLE END VOLTAGE MODE PWM CONTROLLER 1 2 3 4 5 MoreList of Unclassifed Manufacturers
SC4905AHIGH PERFORMANCE VOLTAGE MODE PWM CONTROLLER 1 2 3 4 5 MoreSemtech Corporation
CS51221Enhanced Voltage Mode PWM Controller 1 2 3 4 5 MoreCherry Semiconductor Corporation
SC1101VOLTAGE MODE PWM CONTROLLER 1 2 3 4 5 MoreSemtech Corporation
LM5033100V Push-Pull Voltage Mode PWM Controller 1 2 3 4 5 MoreNational Semiconductor (TI)
LM5025BActive Clamp Voltage Mode PWM Controller 1 2 3 4 5 MoreNational Semiconductor (TI)
SC1103VOLTAGE MODE PWM CONTROLLER 1 2 3 4 5 MoreSemtech Corporation
FAN7556Voltage Mode PWM Controller 1 2 3 4 5 MoreFairchild Semiconductor
LM5025Active Clamp Voltage Mode PWM Controller 1 2 3 4 5 MoreNational Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn