Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAS3507D Datasheet(PDF) 12 Page - Micronas

Part # MAS3507D
Description  MPEG 1/2 Layer 2/3 Audio Decoder
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS3507D Datasheet(HTML) 12 Page - Micronas

Back Button MAS3507D Datasheet HTML 8Page - Micronas MAS3507D Datasheet HTML 9Page - Micronas MAS3507D Datasheet HTML 10Page - Micronas MAS3507D Datasheet HTML 11Page - Micronas MAS3507D Datasheet HTML 12Page - Micronas MAS3507D Datasheet HTML 13Page - Micronas MAS3507D Datasheet HTML 14Page - Micronas MAS3507D Datasheet HTML 15Page - Micronas MAS3507D Datasheet HTML 16Page - Micronas Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 60 page
background image
MAS 3507D
PRELIMINARY DATA SHEET
12
Micronas
2.7.3. Parallel Input Output Interface (PIO)
The parallel interface of the MAS 3507D uses the lines
PI0...PI4, PI8, PI12...PI19, and several control lines.
2.7.3.1. PIO-DMA Input Mode
By setting the PIO pin PI4 to “1”, the PIO-DMA input
mode of the MAS 3507D is activated after reset.
Normally, the input mode should not be altered in a
customer’s application. Should this nonetheless be
desired, the necessary changes are described in
Table 2–4 and Table 2–5.
2.7.3.2. Writing MPEG Data to the PIO-DMA
The PIO-DMA mode enables the writing of 8-bit paral-
lel MPEG data to the MAS 3507D. In this mode, PIO
lines PI19...PI12 are switched to the MAS 3507D data
input which hence will be an 8-bit parallel input port
with MSB first (at position PI19) for the MPEG bit
stream data. In order to write data to this parallel port
successfully, a special handshake protocol has to be
used by the controller (see Fig. 2–5).
Note: Either SII has to be set to “1”, or SIC clock input
has to be stopped (“0”) in this mode.
.
.
Fig. 2–5: Handshake protocol for writing MPEG data to the PIO-DMA
Table 2–4: Switching from SDI- to PIO-DMA-Input
Address 1)
Value
$e6, Bit 4
1
1) Startup Configuration Register
Table 2–5: Switching from PIO-DMA- to SDI-Input
Step
Address 1)
Value
1
$e6, Bit 4
0
2
$4b
$82
1) PIO Configuration Register
Note: These 2 steps must be done in above
order!
EOD
PR
RTR
PI[19:12]
high
low
high
low
high
low
high
low
tst
trpr
trtrq
tset
th
tr
tpr
tpd
teodq
teod
Byte 15
Byte 1
MAS 3507D latches the PIO DATA


Similar Part No. - MAS3507D

ManufacturerPart #DatasheetDescription
logo
Micronas
MAS3504D MICRONAS-MAS3504D Datasheet
680Kb / 40P
   G.729 Annex A Voice Codec
MAS3506D MICRONAS-MAS3506D Datasheet
696Kb / 52P
   WorldSpace WorldSpace Audio Decoder
MAS3509F MICRONAS-MAS3509F Datasheet
1Mb / 92P
   MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
More results

Similar Description - MAS3507D

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ATJ2051 ETC-ATJ2051 Datasheet
626Kb / 34P
   MPEG1/2/2.5 Audio Layer 1, 2, 3 decoder
08/2004
logo
STMicroelectronics
STI3520ACV STMICROELECTRONICS-STI3520ACV Datasheet
1Mb / 15P
   MPEG AUDIO / MPEG 2 VIDEO INTEGRATED DECODER
logo
Winbond
W9986D WINBOND-W9986D Datasheet
128Kb / 1P
   MPEG Audio Layer III Decoder
logo
STMicroelectronics
STA003T STMICROELECTRONICS-STA003T Datasheet
309Kb / 32P
   MPEG 2.5 LAYER III AUDIO DECODER
STA013 STMICROELECTRONICS-STA013 Datasheet
300Kb / 38P
   MPEG 2.5 LAYER III AUDIO DECODER
logo
Micronas
MAS3509F MICRONAS-MAS3509F Datasheet
1Mb / 92P
   MAS 35x9F MPEG Layer 2/3, AAC Audio Decoder, G.729 Annex A Codec
logo
ATMEL Corporation
AT80SND2CMP3B ATMEL-AT80SND2CMP3B_14 Datasheet
2Mb / 242P
   MPEG I/II-Layer 3 Hardwired Decoder
AT83SND2C ATMEL-AT83SND2C_14 Datasheet
2Mb / 242P
   MPEG I/II-Layer 3 Hardwired Decoder
AT83SND1C ATMEL-AT83SND1C_14 Datasheet
462Kb / 42P
   MPEG I/II-Layer 3 Hardwired Decoder
AT83SND2CMP3B ATMEL-AT83SND2CMP3B_14 Datasheet
2Mb / 242P
   MPEG I/II-Layer 3 Hardwired Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com