Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFT26N60 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFT26N60
Description  HiPerFET Power MOSFETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFT26N60 Datasheet(HTML) 1 Page - IXYS Corporation

  IXFT26N60 Datasheet HTML 1Page - IXYS Corporation IXFT26N60 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
IXFH/ IXFT
IXFK
V
DSS
T
J
= 25
°C to 150°C
600
600
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MW
600
600
V
V
GS
Continuous
±20
±20
V
V
GSM
Transient
±30
±30
V
I
D25
T
C
= 25
°C, Chip capability
26
28
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
104
112
A
I
AR
T
C
= 25
°C26
28
A
E
AR
T
C
= 25
°C50
50
mJ
E
AS
T
C
= 25
°C
1.5
1.5
J
dv/dt
I
S
£ I
DM, di/dt £ 100 A/ms, VDD £ VDSS,
5
5
V/ns
T
J £ 150°C, RG = 2 W
P
D
T
C
= 25
°C
360
416
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in) from case for 10 s
300
300
°C
M
d
Mounting torque
1.13/10
0.9/6
Nm/lb.in.
Weight
610
g
HiPerFETTM
Power MOSFETs
N-Channel Enhancement Mode
Avalanche Rated, High dv/dt, Low t
rr
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 250 mA
600
V
V
GS(th)
V
DS
= V
GS, ID = 4 mA
2
4.5
V
I
GSS
V
GS = ±20 VDC, VDS = 0
±200 nA
I
DSS
V
DS
= 0.8 • V
DSS
T
J = 25°C25
mA
V
GS = 0 V
T
J = 125°C1
mA
R
DS(on)
V
GS = 10 V, ID = 0.5 • ID25
0.25
W
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
G = Gate
S = Source
TAB = Drain
Either Source terminal at miniBLOC can be used
as Main or Kelvin Source
98511B (7/00)
V
DSS
I
D25
R
DS(on)
IXFH 26N60/IXFT 26N60
600 V
26 A
0.25
W
IXFK 28N60
600 V
28 A
0.25
W
t
rr £ 250 ns
TO-247 AD (IXFH)
(TAB)
TO-268 (D3) ( IXFT)
(TAB)
G
S
TO-264 AA (IXFK)
S
G
D
D (TAB)
IXYS reserves the right to change limits, test conditions, and dimensions.
Features
• International standard packages
• Epoxy meetUL94V-0, flammability
classification
• Low R
DS (on) HDMOS
TM process
• Rugged polysilicon gate cell structure
• Avalanche energy and current rated
• Fast intrinsic Rectifier
Advantages
• Easy to mount
• Space savings
• High power density
Preliminary data


Similar Part No. - IXFT26N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFT26N60P IXYS-IXFT26N60P Datasheet
248Kb / 5P
   N-Channel Enhancement Mode Fast Recovery Diode Avalanche Rated
IXFT26N60Q IXYS-IXFT26N60Q Datasheet
107Kb / 2P
   HiPerFETTM Power MOSFETs Q-Class
More results

Similar Description - IXFT26N60

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com