Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFK72N20 Datasheet(PDF) 4 Page - IXYS Corporation

Part # IXFK72N20
Description  HiPerFET Power MOSFETs
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK72N20 Datasheet(HTML) 4 Page - IXYS Corporation

  IXFK72N20 Datasheet HTML 1Page - IXYS Corporation IXFK72N20 Datasheet HTML 2Page - IXYS Corporation IXFK72N20 Datasheet HTML 3Page - IXYS Corporation IXFK72N20 Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4 - 4
© 2000 IXYS All rights reserved
V
SD - Volts
0.4
0.8
1.2
1.6
2.0
0
40
80
120
160
200
V
DS - Volts
11 0
1 00
1
10
100
V
DS - Volts
0
5
10
15
20
25
30
35
40
100
1000
10000
Gate Charge - nC
0
50
100
150
200
250
300
350
0
2
4
6
8
10
12
Crss
Coss
Ciss
V
DS = 100 V
I
D = 40 A
I
G = 1 mA
f = 1MHz
300
T
C = 25
OC
10 ms
1 ms
100 ms
200
T
J = 125
OC
T
J = 25
OC
DC
Pulse Width - Seconds
10-3
10-2
10-1
100
101
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
IXFK72N20
IXFK80N20
Figure 8. Capacitance Curves
Figure 7. Gate Charge
Figure 9. Source Current vs. Source
to Drain Voltage
Figure10. Forward Bias Safe Operating Area
Figure 11. Transient Thermal Resistance


Similar Part No. - IXFK72N20

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFK72N20 ISC-IXFK72N20 Datasheet
324Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFK72N20

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
IXFH10N90 IXYS-IXFH10N90 Datasheet
85Kb / 4P
   HiPerFET Power MOSFETs
IXFH36N55Q2 IXYS-IXFH36N55Q2 Datasheet
562Kb / 5P
   HiPerFET Power MOSFETs
IXFK25N90 IXYS-IXFK25N90 Datasheet
118Kb / 4P
   HiPerFET Power MOSFETs
IXFA3N80 IXYS-IXFA3N80 Datasheet
100Kb / 2P
   HiPerFET Power MOSFETs
IXFH88N20Q IXYS-IXFH88N20Q Datasheet
194Kb / 4P
   HiPerFET Power MOSFETs
IXFN20N120 IXYS-IXFN20N120 Datasheet
572Kb / 4P
   HiPerFET Power MOSFETs
IXFH7N80 IXYS-IXFH7N80 Datasheet
78Kb / 4P
   HiPerFET Power MOSFETs
IXFH13N50 IXYS-IXFH13N50 Datasheet
82Kb / 4P
   HiPerFET Power MOSFETs
IXFJ40N30 IXYS-IXFJ40N30 Datasheet
37Kb / 2P
   HiPerFET Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
157Kb / 4P
   HiPerFET Power MOSFETs
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com