Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DSAI75-16B Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSAI75-16B
Description  Rectifier Diode Avalanche Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSAI75-16B Datasheet(HTML) 2 Page - IXYS Corporation

  DSAI75-16B Datasheet HTML 1Page - IXYS Corporation DSAI75-16B Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
DS
75
DSI
75
DSA 75
DSAI 75
23
4
5 6 7 8 9
110
104
105
10-3
10-2
10-1
100
0
500
1000
1500
0.0
0.5
1.0
1.5
0
50
100
150
200
0
50
100
150
200
0
50
100
150
200
0
50
100
150
200
0
10-3
10-2
10-1
100
101
102
103
0.0
0.5
1.0
1.5
I
2t
I
FSM
I
F
A
V
F
t
s
t
ms
P
F
W
I
F(AV)M
A
T
amb
°C
t
s
Z
thJH
K/W
A
2s
0
40
80
120
160
200
0
50
100
150
200
I
F(AV)M
T
c
A
V
A
°C
Fig. 6 Transient thermal impedance junction to heatsink
R
thJH for various conduction angles d:
dR
thJH (K/W)
DC
0.900
180
°
1.028
120
°
1.085
60
°
1.272
30
°
1.476
Constants for Z
thJH calculation:
iR
thi (K/W)
t
i (s)
1
0.0731
0.0015
2
0.1234
0.0237
3
0.4035
0.4838
4
0.3000
1.5
Fig. 1 Forward characteristics
Fig. 2 Surge overload current
I
FSM: crest value, t: duration
Fig. 3 I2t versus time (1-10 ms)
Fig. 4 Power dissipation versus forward current and ambient temperature
Fig. 5 Max. forward current at case
temperature
6
4
2
typ.
lim.
T
VJ= 180°C
T
VJ=
25°C
T
VJ = 180°C
T
VJ = 45°C
50Hz, 80%V
RRM
T
VJ = 45°C
T
VJ = 180°C
V
R = 0 V
DC
180° sin
120°
60°
30°
DC
180° sin
120°
60°
30°
R
thJA :
1 K/W
1.2 K/W
1.6 K/W
2 K/W
3 K/W
4 K/W
30°
60°
120°
180°
DC
ase


Similar Part No. - DSAI75-16B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSAI75-16B IXYS-DSAI75-16B Datasheet
75Kb / 2P
   Rectifi er Diode Avalanche Diode
More results

Similar Description - DSAI75-16B

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
DSA9-12F IXYS-DSA9-12F Datasheet
46Kb / 2P
   Rectifier Diode Avalanche Diode
DS35 IXYS-DS35 Datasheet
40Kb / 2P
   Rectifier Diode Avalanche Diode
DS17 IXYS-DS17 Datasheet
37Kb / 2P
   Rectifier Diode Avalanche Diode
DSA2-12A IXYS-DSA2-12A Datasheet
35Kb / 2P
   Rectifier Diode Avalanche Diode
DSA1-12D IXYS-DSA1-12D Datasheet
34Kb / 1P
   Rectifier Diode Avalanche Diode
logo
New Jersey Semi-Conduct...
DSI17 NJSEMI-DSI17 Datasheet
469Kb / 1P
   Rectifier Diode Avalanche Diode
logo
ABB
5SDA09D2604 ABB-5SDA09D2604 Datasheet
33Kb / 2P
   Avalanche Rectifier Diode
logo
Green Power Solutions s...
GPDP4189 GPSEMI-GPDP4189 Datasheet
112Kb / 1P
   AVALANCHE RECTIFIER DIODE
GPDN4100 GPSEMI-GPDN4100 Datasheet
108Kb / 1P
   AVALANCHE RECTIFIER DIODE
GPDN3127 GPSEMI-GPDN3127_12 Datasheet
143Kb / 2P
   AVALANCHE RECTIFIER DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com