Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M62216FP Datasheet(PDF) 5 Page - Mitsubishi Electric Semiconductor

Part # M62216FP
Description  Low Voltage Operation STEP-UP DC-DC Converter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M62216FP Datasheet(HTML) 5 Page - Mitsubishi Electric Semiconductor

  M62216FP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M62216FP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
MITSUBISHI SEMICONDUCTOR<STD-Linear IC>
M62216FP/GP
(
/ 8 )
Low Voltage Operation STEP-UP DC-DC Converter
5
MAX ON DUTY vs. BIAS VOLTAGE
(PWM Terminal Monitored, IN=1.1V, Ta=25°C)
75
80
85
90
95
100
0
2
4
6
8
10
12
14
16
BIAS VOLTAGE VBIAS (V)
MAX ON DUTY vs. AMBIENT TEMPERATURE
(PWM Terminal Monitored , IN=1.1V)
75
80
85
90
95
100
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE Ta (°C)
VBIAS=1.7V
VBIAS=3.0V
VBIAS=15V
SATURATION VOLTAGE BETWEEN PWM-DRIVE1
TERMINAL vs. INPUT CURRENT OF DRIVE1 TERMINAL
(IDRIVE2=5mA, IN=1.1V, Ta=25°C)
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
70
INPUT CURRENT OF DRIVE1 TERMINAL IDRIVE1 (mA)
VBIAS=1.7V
VBIAS=3.0V
VBIAS=9.0V
VBIAS=15V
OSCILLATING FREQUENCY vs.
AMBIENT TEMPERATURE
(PWM Terminal Monitored, IN=1.1V)
80
100
120
140
160
-40
-20
0
20
40
60
80
100
AMBIENT TEMPERATURE Ta (°C)
VBIAS=1.7V
VBIAS=3.0V
VBIAS=15V
FB SOURCE CURRENT vs. FB VOLTAGE
(VBIAS=3.0V, IN=1.1V)
0
10
20
30
40
50
60
0
0.5
1.0
1.5
2.0
2.5
3.0
FB VOLTAGE VFB (V)
Ta= -20°C
Ta= +25°C
Ta= +85°C
OSCILLATING FREQUENCY vs.
BIAS VOLTAGE
(PWM Terminal Monitored , Ta=25°C)
80
100
120
140
160
0
2
4
6
8
10
12
14
16
BIAS VOLTAGE VBIAS (V)


Similar Part No. - M62216FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
More results

Similar Description - M62216FP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M62216FP RENESAS-M62216FP Datasheet
164Kb / 12P
   Low Voltage Operation STEP-UP DC/DC Converter
logo
Semtech Corporation
SC1633 SEMTECH-SC1633 Datasheet
181Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
List of Unclassifed Man...
AIC1641 ETC-AIC1641 Datasheet
160Kb / 12P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Silicon Standard Corp.
SS6640 SSC-SS6640 Datasheet
336Kb / 12P
   Low Voltage Step-Up DC/DC Converter
logo
Analog Intergrations Co...
AIC1640 AIC-AIC1640 Datasheet
37Kb / 2P
   LOW VOLTAGE STEP-UP DC/DC CONVERTER
logo
Semtech Corporation
SC1631 SEMTECH-SC1631 Datasheet
168Kb / 7P
   LOW VOLTAGE STEP-UP DC-DC CONVERTER
logo
National Semiconductor ...
LM2621 NSC-LM2621_05 Datasheet
655Kb / 11P
   Low Input Voltage, Step-Up DC-DC Converter
LM2621 NSC-LM2621 Datasheet
254Kb / 10P
   Low Input Voltage, Step-Up DC-DC Converter
logo
SiGe Semiconductor, Inc...
AATIAN41 SIGE-AATIAN41 Datasheet
111Kb / 4P
   Low Voltage 2MHz Step-Up DC/DC Converter
logo
Texas Instruments
LM2621 TI1-LM2621_14 Datasheet
1Mb / 16P
[Old version datasheet]   Low Input Voltage, Step-Up DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com