Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S25FL002D0FNAI013 Datasheet(PDF) 11 Page - SPANSION

Part # S25FL002D0FNAI013
Description  2 Megabit, 1 Megabit CMOS 3.0 Volt Flash Memory with 25 MHz SPI Bus Interface
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPANSION [SPANSION]
Direct Link  http://www.spansion.com
Logo SPANSION - SPANSION

S25FL002D0FNAI013 Datasheet(HTML) 11 Page - SPANSION

Back Button S25FL002D0FNAI013 Datasheet HTML 7Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 8Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 9Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 10Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 11Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 12Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 13Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 14Page - SPANSION S25FL002D0FNAI013 Datasheet HTML 15Page - SPANSION Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
June 9, 2004 30167A+1
S25FL Family (Serial Peripheral Interface)
11
Pre limin ary
I n f o r m a t ion
To enter the Hold condition, the device must be selected, with Chip Select (CS#)
Low. The Hold condition starts on the falling edge of the Hold (HOLD#) signal,
provided that this coincides with Serial Clock (SCK) being Low (as shown in Figure
3).
The Hold condition ends on the rising edge of the Hold (HOLD#) signal, provided
that this coincides with Serial Clock (SCK) being Low.
If the falling edge does not coincide with Serial Clock (SCK) being Low, the Hold
condition starts after Serial Clock (SCK) next goes Low. Similarly, if the rising
edge does not coincide with Serial Clock (SCK) being Low, the Hold condition ends
after Serial Clock (SCK) next goes Low (Figure 3). During the Hold condition, the
Serial Data Output (SO) is high impedance, and Serial Data Input (SI) and Serial
Clock (SCK) are Don’t Care.
Normally, the device remains selected, with Chip Select (CS#) driven Low, for the
entire duration of the Hold condition. This ensures that the state of the internal
logic remains unchanged from the moment of entering the Hold condition.
Note: Driving Chip Select (CS#) high while HOLD# is still low is not a
valid operation.
Figure 3. Hold Condition Activation
SCK
HOLD#
Hold
Condition
(standard use)
Hold
Condition
(non-standard use)


Similar Part No. - S25FL002D0FNAI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI000 SPANSION-S25FL004AOLMAI000 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI001 SPANSION-S25FL004AOLMAI001 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI002 SPANSION-S25FL004AOLMAI002 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004AOLMAI003 SPANSION-S25FL004AOLMAI003 Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
More results

Similar Description - S25FL002D0FNAI013

ManufacturerPart #DatasheetDescription
logo
SPANSION
S25FL004A SPANSION-S25FL004A Datasheet
945Kb / 39P
   4-Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL004D SPANSION-S25FL004D Datasheet
724Kb / 36P
   4 Megabit CMOS 3.0 Volt Flash Memory with 50 Mhz SPI Bus Interface
S25FL128P SPANSION-S25FL128P Datasheet
1Mb / 48P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A_08 Datasheet
1Mb / 36P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50-MHz SPI (Serial Peripheral Interface) Bus
S25FL008A SPANSION-S25FL008A Datasheet
960Kb / 32P
   8-Megabit CMOS 3.0 Volt Flash Memory with 50 MHz SPI (Serial Peripheral Interface) Bus
S25FL128P SPANSION-S25FL128P_12 Datasheet
1Mb / 49P
   128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus
S25FL064A SPANSION-S25FL064A Datasheet
949Kb / 32P
   64 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL032A SPANSION-S25FL032A Datasheet
941Kb / 36P
   32 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S25FL016A SPANSION-S25FL016A Datasheet
997Kb / 34P
   16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus
S29AL032D SPANSION-S29AL032D Datasheet
1Mb / 69P
   32 Megabit CMOS 3.0 Volt-only Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com