Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

VS-550 Datasheet(PDF) 3 Page - Vectron International, Inc

Part No. VS-550
Description  DUAL FREQUENCY VCSO
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VECTRON [Vectron International, Inc]
Homepage  http://www.vectron.com
Logo 

VS-550 Datasheet(HTML) 3 Page - Vectron International, Inc

   
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-550 Voltage Controlled SAW Oscillator
Vectron International, 267 Lowell Rd, Hudson NH 03051-4916
Tel: 1-88-VECTRON-1
Website: www.vectron.com
Page 3 of 7
Rev: 25Apr05
Outline Diagram
Pad Layout
Pin Out
Control Logic (LV-CMOS)
Pin
Symbol
Function
FS
Operation
1
VC
VCSO Control Voltage
0
F1
2
FS
Frequency Select (See Control Logic)
1
F2
3
GND
Case and Electrical Ground
4
Output
VCSO Output
5
COutput
VCSO Complementary Output
6
VCC
Power Supply Voltage (3.3 V
±10%)
Tape and Reel (EIA-481-2-A)
Tape Dimensions (mm)
Reel Dimensions (mm)
Dimension
W
F
Do
Po
P1
A
B
C
D
N
W1
W2
# Per
Tolerance
Typ
Typ
Typ
Typ
Typ
Typ
Min
Typ
Min
Min
Typ
Max
Reel
VS-550
24
11.5
1.5
4
12
330
1.5
13
20.2
100
24.4
30.4
200
Po
W
A
N
F
P1
W1
W2
C
B
D
ØDo
8.89±0.15
[0.350±0.006]
13.97±0.20
[0.550±0.008]
0.46±0.05
[0.018±0.002]
2.54±0.13
[0.100±0.005]
5.08±0.13
[0.200±0.005]
3.42
+0.20
-0.30
[0.135+0.008
-0.012
]
mm
[inch]
( 7.63
[0.300])
VS-550-LFF-GNN
XXX.XXX-XXX.XXX
VI YWW
1
4
3
6
2
5
mm
[inch]
8.80
[0.346]
1.27
[0.050]
2.54
[0.100]
5.08
[0.200]
3.00
[0.118]


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn