Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8102A Datasheet(PDF) 4 Page - Texas Instruments

Part # PT8102A
Description  40-A 3.3/5-V Input Programmable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT8102A Datasheet(HTML) 4 Page - Texas Instruments

  PT8102A Datasheet HTML 1Page - Texas Instruments PT8102A Datasheet HTML 2Page - Texas Instruments PT8102A Datasheet HTML 3Page - Texas Instruments PT8102A Datasheet HTML 4Page - Texas Instruments PT8102A Datasheet HTML 5Page - Texas Instruments PT8102A Datasheet HTML 6Page - Texas Instruments PT8102A Datasheet HTML 7Page - Texas Instruments PT8102A Datasheet HTML 8Page - Texas Instruments PT8102A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
4
PT8100 Series
40-A 3.3/5-V Input Programmable
Integrated Switching Regulator
PT8101 /2 Specifications (Unless otherwise stated Ta =25°C, C1 =1,500µF, C2 =660µF, Vin =5V, & Io =40A )
PT8101/2, Vin =5V
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
25°C, natural convection
0.1 (1)
—38
A
60°C with 200LFM airflow
0.1 (1)
—40
Input Voltage Range
Vin
Over Io Range
4.5
5.5
V
Set-Point Voltage Tolerance
Vo tol
Over Vo range
±1
±2
%V
Line Regulation
∆Regline
Over Vin range
±5
mV
Load Regulation
∆Regload
Over Io range
±5
mV
Temperature Variation
∆Regtemp
–40°C
≤Ta ≤85°C
±0.5
%Vo
Total Output Voltage Variation
∆Votot
Includes set-point, line load,
±3
%V
–40°C
≤Ta ≤ 85°C
Efficiency
η
Io =20A
Vo =2.5V
93
Vo =1.8V
90
%
Vo =1.5V
88
Vo =1.2V
86
Io =40A
Vo =2.5V
89
Vo =1.8V
85
%
Vo =1.5V
83
Vo =1.2V
81
Vo Ripple (pk-pk)
Vr
20MHz bandwidth
25
mV
Transient Response (Vo =1.8V)
ttr
1A/µs load step, 50% to 100% Iomax
50
µSec
∆Vtr
Vo over/undershoot
75
mV
Transient Response (Vo =1.2V)
ttr
1A/µs load step, 50% to 100% Iomax
25
µSec
∆Vtr
Vo over/undershoot
30
mV
Short Circuit Threshold
Iosc
60
A
Switching Frequency
ƒo
Over load range
300
350
400
kHz
Standby Control (pin 6)
Input High Voltage
VIH
Referenced to GND (pins 17–22)
Open (2)
V
Input Low Voltage
VIL
-0.2
0.8
Input Low Current
IIL
Pin 6 to GND
0.5
mA
Standby Input Current
Iin standby
Pin 6 to GND
35
mA
External Output Capacitance
C2
See application schematic
660 (5)
15,000
µF
External Input Capacitance
C1
See application schematic
1,500
µF
Operating Temperature Range
Ta
Over Vin Range
–40 (3)
—+85 (4)
°C
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1 msec, Half Sine, mounted to a fixture
500
G’s
Mechanical Vibration
Mil-STD-883D, Method 2007.2
Vertical
20 (6)
G’s
20-2000 Hz, soldered in PCB
Horizontal
20 (6)
Weight
Vertical/Horizontal
55
grams
Flammability
Materials meet UL 94V-0
Notes: (1) ISR-will operate down to no load with reduced specifications.
(2) The Standby input (pin 6) has an internal pull-up. If it is left open-circuit the module will operate when input power is applied. A low-leakage
MOSFET is recommended to control this input. The open-circuit voltage is nominally 5V. See application notes for interface considerations.
(3) For operation below 0°C, Cout must have stable characteristics. Use either low ESR tantalum or Oscon® capacitors.
(4) See safe Operating Area curves or consult factory for the appropriate derating.
(5) The PT8100 regulators require a minimum of 660µF, low ESR ouput capacitance (1,200µF for standard aluminum electrolytic) for proper operation.
(6) The case pins on the through-hole package types (suffixes N & A) must be soldered. For more information see the applicable package outline drawing.
Input Filter: The filter components L1, and C3 are optional for most applications. The inductor must be rated to handle the projected input current. A rating of 30ADC
is recommended. The capacitance C1 must be rated for a minimum of 1Arms of ripple current. For transient or dynamic load applications, additional capacitance may
be required. For more information refer to the application note on capacitor recommendations for this product.


Similar Part No. - PT8102A

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PT810000 CELDUC-PT810000 Datasheet
233Kb / 1P
   MOULDED CONTROL MAGNET
More results

Similar Description - PT8102A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com