Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT8104N Datasheet(PDF) 7 Page - Texas Instruments

Part # PT8104N
Description  40-A 3.3/5-V Input Programmable Integrated Switching Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT8104N Datasheet(HTML) 7 Page - Texas Instruments

Back Button PT8104N Datasheet HTML 3Page - Texas Instruments PT8104N Datasheet HTML 4Page - Texas Instruments PT8104N Datasheet HTML 5Page - Texas Instruments PT8104N Datasheet HTML 6Page - Texas Instruments PT8104N Datasheet HTML 7Page - Texas Instruments PT8104N Datasheet HTML 8Page - Texas Instruments PT8104N Datasheet HTML 9Page - Texas Instruments PT8104N Datasheet HTML 10Page - Texas Instruments PT8104N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
7
Characteristic Data; Vin =5V, PT8101/2/4 (See Note A)
Efficiency vs Output Current
Power Dissipation vs Output Current
Output Ripple vs Output Current
PT8100 Series
40-A 3.3/5-V Input Programmable
Integrated Switching Regulator
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
SOA curves represent the conditions at which internal components are at or below the manufacturer’s maximum operating temperatures
50
60
70
80
90
100
0
8
16
24
32
40
Iout (A)
2.5V
1.8V
1.5V
1.2V
VOUT
0
10
20
30
40
50
0
8
16
24
32
40
Iout (A)
1.5V
1.8V
2.5V
1.2V
VOUT
0
3
6
9
12
15
0
8
16
24
32
40
Iout (A)
2.5V
1.8V
1.5V
1.2V
VOUT
Typical Characteristics
Safe Operating Area; Vin =5V (See Note B)
20
30
40
50
60
70
80
90
0
8
16
24
32
40
Iout (A)
400LFM
200LFM
60LFM
Nat conv
Airflow
PT8101, Vo =2.5V
20
30
40
50
60
70
80
90
0
8
16
24
32
40
Iout (A)
400LFM
200LFM
60LFM
Nat conv
Airflow
PT8102/PT8104, Vo =1.8V


Similar Part No. - PT8104N

ManufacturerPart #DatasheetDescription
logo
celduc-relais
PT810000 CELDUC-PT810000 Datasheet
233Kb / 1P
   MOULDED CONTROL MAGNET
More results

Similar Description - PT8104N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6447 TI1-PT6447 Datasheet
172Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5502 TI-PT5502 Datasheet
174Kb / 2P
[Old version datasheet]   3-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6440 TI-PT6440 Datasheet
178Kb / 8P
[Old version datasheet]   6-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5520 TI1-PT5520 Datasheet
185Kb / 9P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT5521 TI-PT5521 Datasheet
164Kb / 7P
[Old version datasheet]   1.5-A 5-V/3.3-V Input Adjustable Integrated Switching Regulator
PT6942A TI1-PT6942A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6943A TI1-PT6943A Datasheet
395Kb / 11P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT6940 TI-PT6940 Datasheet
190Kb / 9P
[Old version datasheet]   6-A Dual Output 5-V/3.3-V Input Integrated Switching Regulator
PT5810 TI-PT5810 Datasheet
202Kb / 11P
[Old version datasheet]   20-A 3.3-V Input Adjustable Integrated Switching Regulator
PT6470 TI-PT6470 Datasheet
289Kb / 14P
[Old version datasheet]   14-A 3.3-V Input Adjustable Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com