Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

9GA1212G4001 Datasheet(PDF) 1 Page - SANYO DENKI CO., LTD.

Part No. 9GA1212G4001
Description  San Ace 120 9GA type
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYODENKI [SANYO DENKI CO., LTD.]
Direct Link  https://www.sanyodenki.com/
Logo SANYODENKI - SANYO DENKI CO., LTD.

9GA1212G4001 Datasheet(HTML) 1 Page - SANYO DENKI CO., LTD.

  9GA1212G4001 Datasheet HTML 1Page - SANYO DENKI CO., LTD. 9GA1212G4001 Datasheet HTML 2Page - SANYO DENKI CO., LTD. 9GA1212G4001 Datasheet HTML 3Page - SANYO DENKI CO., LTD. 9GA1212G4001 Datasheet HTML 4Page - SANYO DENKI CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
161
CATALOG No. C1097B001 '20.1.IT
DC Fan
120×120×25 mm
San Ace 120 9GA type LowPowerConsumptionFan
General Specifications
· Material …………………………………… Frame: Plastic (Flammability: UL 94V-0), Impeller: Plastic (Flammability: UL 94V-0)
· Expected life ……………………………… See the table below. (L10 life: 90% survival rate for continuous operation in free air at 60˚C, rated voltage)
Expected life at 40°C is for reference only.
· Motor protection function……………… Locked rotor burnout protection, Reverse polarity protection
For details, please refer to p. 573.
· Dielectric strength ……………………… 50/60 Hz, 500 VAC, for 1 minute (between lead wire conductors and frame)
· Insulation resistance …………………… 10 MΩ or more with a 500 VDC megger (between lead wire conductors and frame)
· Sound pressure level (SPL) …………… At 1 m away from the air inlet
· Storage temperature …………………… -30 to +70˚C (Non-condensing)
· Lead wire ………………………………… Red Black Sensor Yellow Control Brown
(For models without PWM control function, there is no speed control wiring.)
· Mass ……………………………………… 280 g
Specifications
The models listed below have ribs and pulse sensors with PWM control function. For models without ribs, append "1" to the end of model numbers.
Model no.
Rated voltage Operating voltage range
PWM duty
cycle* [%]
Rated current Rated input Rated speed
Max. airflow
Max. static pressure
SPL
Operating temperature
Expected life
[V]
[V]
[A]
[W]
[min-1]
[m3/min]
[CFM]
[Pa]
[inchH2O]
[dB (A)]
[˚C]
[h]
9GA1212P4G001
12
10.2 to 13.8
100
0.93
11.16
6400
3.8
134
365
1.47
57
-20 to +70
40000/60˚C
(70000/40˚C)
25
0.16
1.92
2550
1.5
53
60
0.24
34
9GA1212P4S001
100
0.61
7.32
5400
3.2
113
260
1.04
54
25
0.16
1.92
2550
1.5
53
60
0.24
34
9GA1224P4G001
24
20.4 to 27.6
100
0.47
11.28
6400
3.8
134
365
1.47
57
25
0.1
2.4
2550
1.5
53
60
0.24
34
9GA1224P4S001
100
0.31
7.44
5400
3.2
113
260
1.04
54
25
0.1
2.4
2550
1.5
53
60
0.24
34
9GA1248P4G001
48
40.8 to 53
100
0.24
11.52
6400
3.8
134
365
1.47
57
25
0.08
3.84
2550
1.5
53
60
0.24
34
9GA1248P4S001
100
0.16
7.68
5400
3.2
113
260
1.04
54
25
0.08
3.84
2550
1.5
53
60
0.24
34
* PWM input frequency is 25 kHz; models without specifications at 0% PWM duty cycle have zero fan speed at 0%.
The following sensor and control options are available for selection.
Available for all models. Pulse sensor
Differs according to the model. Refer to the table on p. 605. Without sensor
Lock sensor
The models listed below have ribs and pulse sensors. For models without ribs, append "1" to the end of model numbers.
Model no.
Rated voltage Operating voltage range
Rated current
Rated input
Rated speed
Max. airflow
Max. static pressure
SPL
Operating temperature
Expected life
[V]
[V]
[A]
[W]
[min-1]
[m3/min]
[CFM]
[Pa]
[inchH2O]
[dB (A)]
[˚C]
[h]
9GA1212G4001
12
7 to 13.8
0.93
11.16
6400
3.8
134
365
1.47
57
-20 to +70
40000/60˚C
(70000/40˚C)
9GA1212S4001
0.61
7.32
5400
3.2
113
260
1.04
54
9GA1224G4001
24
14 to 27.6
0.47
11.28
6400
3.8
134
365
1.47
57
9GA1224S4001
0.31
7.44
5400
3.2
113
260
1.04
54
9GA1248G4001
48
36 to 53
0.24
11.52
6400
3.8
134
365
1.47
57
9GA1248S4001
0.16
7.68
5400
3.2
113
260
1.04
54
The following sensor and control options are available for selection.
Available for all models. PWM control
Differs according to the model. Refer to the table on p. 605. Without sensor
Lock sensor
The
mark indicates Short LeadTime Service applicable models. See p. 626 for details.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn